Electronic Components Datasheet Search
  English  ▼

X  

3LP01SS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 3LP01SS
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01SS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  3LP01SS_06 Datasheet HTML 1Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 2Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 3Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5LN01C
No.6555-1/4
Features
•
Low ON-resistance.
•
Ultrahigh-speed switching.
•
2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
50
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
0.1
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
0.4
A
Allowable Power Dissipation
PD
0.25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
50
V
Zero-Gate Voltage Drain Current
IDSS
VDS=50V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100µA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=50mA
0.13
0.18
S
RDS(on)1
ID=50mA, VGS=4V
6
7.8
Ω
Static Drain-to-Source on-State Resistance
RDS(on)2
ID=30mA, VGS=2.5V
7.1
9.9
Ω
RDS(on)3
ID=10mA, VGS=1.5V
10
20
Ω
Input Capacitance
Ciss
VDS=10V, f=1MHz
6.6
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
4.7
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
1.7
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
18
ns
Rise Time
tr
See specified Test Circuit.
42
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
190
ns
Fall Time
tf
See specified Test Circuit.
105
ns
Marking : YB
Continued on next page.
Ordering number : EN6555A
71206 / 33106PE MS IM TB-00002196 / 71400 TS IM TA-2050
5LN01C
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
http://semicon.sanyo.com/en/network


Similar Part No. - 3LP01SS_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
3LP01SS-TL-E ONSEMI-3LP01SS-TL-E Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
3LP01SS-TL-H ONSEMI-3LP01SS-TL-H Datasheet
531Kb / 7P
P-Channel Small Signal MOSFET
July, 2013
logo
Sanyo Semicon Device
3LP01SS SANYO-3LP01SS_12 Datasheet
538Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - 3LP01SS_06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com