Electronic Components Datasheet Search
  English  ▼

X  

3LP01SS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 3LP01SS
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01SS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  3LP01SS_06 Datasheet HTML 1Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 2Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 3Page - Sanyo Semicon Device 3LP01SS_06 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5LN01C
No.6555-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=100mA
1.57
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=100mA
0.20
nC
Gate-to-Drain ”Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=100mA
0.32
nC
Diode Forward Voltage
VSD
IS=100mA, VGS=0V
0.85
1.2
V
Package Dimensions
Switching Time Test Circuit
unit : mm
7013A-013
1 : Gate
2 : Source
3 : Drain
SANYO : CP
12
3
2.9
0.95
0.4
0.1
PW=10
µs
D.C.
≤1%
4V
0V
VIN
P.G
50
Ω
G
S
D
ID=50mA
RL=500Ω
VDD=25V
VOUT
5LN01C
VIN
0
0
0.02
0.01
0.04
0.03
0.06
0.05
0.08
0.07
0.2
0.10
0.09
0.4
0.6
0.8
1.0
Drain-to-Source Voltage, VDS -- V
ID -- VDS
3.5V
2.0V
2.5V
4.0V
0
0.5
1.0
1.5
2.0
3.0
2.5
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Gate-to-Source Voltage, VGS -- V
ID -- VGS
VDS=10V
01
2
6
7
8
9
10
11
12
34
5
6
2
3
4
5
78
9
10
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ta=25
°C
0.01
1.0
0.1
23
5
7
2
10
7
5
3
2
100
7
5
3
2
3
Drain Current, ID -- A
RDS(on) -- ID
VGS=4V
--25
°C
25
°C
Ta=75
°C
IT00054
IT00055
IT00056
IT00057
VGS=1.5V
ID=30mA
50mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com