Electronic Components Datasheet Search
  English  ▼

X  

ATP216 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ATP216
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ATP216 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ATP216 Datasheet HTML 1Page - Sanyo Semicon Device ATP216 Datasheet HTML 2Page - Sanyo Semicon Device ATP216 Datasheet HTML 3Page - Sanyo Semicon Device ATP216 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ATP216
No.8985-1/4
Features
•
ON-resistance RDS(on)1=17mΩ(typ.)
•
Slim package
•
1.8V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
50
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
35
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
105
A
Allowable Power Dissipation
PD
Tc=25°C40
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
40
mJ
Avalanche Current *2
IAV
17.5
A
Note :
*1 VDD=10V, L=100μH, IAV=18A
*2 L≤100μH, Single pulse
Package Dimensions
unit : mm (typ)
7057-001
Ordering number : EN8985
51111PA TKIM TC-00002591
SANYO Semiconductors
DATA SHEET
ATP216
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: ATPAK
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
TL
ATP216
LOT No.
1
3
2,4


Similar Part No. - ATP216

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP216 ONSEMI-ATP216 Datasheet
382Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP216-TL-H SANYO-ATP216-TL-H Datasheet
489Kb / 7P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP216-TL-H ONSEMI-ATP216-TL-H Datasheet
382Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP216 SANYO-ATP216_12 Datasheet
489Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP216

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com