Electronic Components Datasheet Search
  English  ▼

X  

DBA40 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBA40
Description  4.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA40 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBA40 Datasheet HTML 1Page - Sanyo Semicon Device DBA40 Datasheet HTML 2Page - Sanyo Semicon Device DBA40 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DBA40
No.649-1/3
Features
•
Plastic molded structure.
•
Glass passivation for high reliability.
•
Peak reverse voltage : VRM=200, 600V.
•
Average rectified current : IO=4.0A.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
DBA40C
DBA40G
Unit
Peak Reverse Voltage
VRM
200
600
V
Average Recitified Current
IO
Ta=40
°C
¨
2.6
A
Ta=40
°C, mounted on a 60!60!1.5mm3 Al fin
¨
4.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
¨
80
A
Junction Temperature
Tj
¨
150
°C
Storage Temperature
Tstg
¨
--30 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=2.0A
1.05
V
Reverse Current
IR
VR : At each VRM
10
µA
Note : Mounted torque : 0.49N·m max.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN649D
DBA40
Package Dimensions
unit : mm
1089
[DBA40]
41000 GI IM / 52098 HA (KT) / 4249 MO / 1285 KI, TS
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Diffused Junction Silicon Diode
4.0A Single-Phase Bridge Rectifier
16.5
25.0 min
7.0
10.0
3.2


Similar Part No. - DBA40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
4.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBA40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40 Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400 WTE-KBL400_06 Datasheet
48Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF40G ONSEMI-DBF40G Datasheet
697Kb / 2P
4.0A Single-Phase Bridge Rectifier
June, 2014
logo
SMC Diode Solutions Co....
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com