Electronic Components Datasheet Search
  English  ▼

X  

DBA40 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DBA40
Description  4.0A Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBA40 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DBA40 Datasheet HTML 1Page - Sanyo Semicon Device DBA40 Datasheet HTML 2Page - Sanyo Semicon Device DBA40 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DBA40
No.649-2/3
Number of Cycles at 50Hz, n
IFSM -- n
Soldering Time, t -- s
Soldering Temperature -- t
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
20
40
60
80
100
Ambient Temperature, Ta --
°C
IO -- Ta
0.1
1.0
10
5
7
2
3
5
7
2
3
100
5
3
4
2
Forward Voltage, VF -- V
IF -- VF
ID01192
ID01194
ID01193
ID01190
1.0
10
25
37
100
25
37
1.0
10
25
37
2
Resistive, inductive load
Capacitive
load
10mm
1.5mm
5mm
L=15mm
0
1
2
3
4
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta --
°C
IO -- Ta
ID01191
No fin
Resistive, inductive load
Capacitive
load
50Hz
With a 60!60!1.5mm3 Al fin
L
L
L
L=25mm
15mm
5mm
15mm
5mm
L=25mm
L=25mm
15mm
5mm
15mm
5mm
L=25mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com