Electronic Components Datasheet Search
  English  ▼

X  

ECH8656 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8656
Description  General-Purpose Switching Device Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8656 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8656 Datasheet HTML 1Page - Sanyo Semicon Device ECH8656 Datasheet HTML 2Page - Sanyo Semicon Device ECH8656 Datasheet HTML 3Page - Sanyo Semicon Device ECH8656 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8656
No.9010-3/4
Total Gate Charge, Qg -- nC
VGS -- Qg
012
3
4
5
6
7
8
9
10
11
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT12491
VDS=10V
ID=7.5A
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
| yfs | -- I
D
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
5
2
2
100
7
5
3
3
1000
7
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
0.9
0.8
0.7
IT12487
IT12488
048
12
16
2
6
10
14
18
20
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
IT12490
0.1
2
2
1.0
7
5
3
10
7
5
3
0.1
2
0.01
57
23
1.0
2
57
3
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
Ciss
Coss
Crss
f=1MHz
10
57
3
10
7
5
3
100
7
5
3
2
10
1000
7
5
3
2
0.1
2
1.0
35
7
IT12489
VDD=10V
VGS=4V
td(off)
t r
tf
10
23
5
7
td(on)
IT16507
A S O
Drain-to-Source Voltage, VDS -- V
0.01
0.1
1.0
10
23 5 7
23 5 7
23 5 7
23 5
100
7
0.01
0.1
1.0
10
100
7
5
7
5
3
2
7
5
3
2
7
5
3
2
3
2
IDP=40A (PW≤10μs)
ID=7.5A
100ms
1ms
10ms
100
μs
Operation in this
area is limited by RDS(on).
DC
operation
(T
a=25
°C
)
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm) 1unit
0
IT16587
26
48
10
0
5
10
15
20
30
25
35
40
Ta=25
°C
IT16588
--75
--50
--25
0
25
50
75
100
125
150
175
0
10
20
30
40
5
15
25
35
VGS
=2.5V
, ID
=2.0A
VGS
=4.5V
, ID=4.0A
VGS
=4.0V
, ID
=4.0A
V GS
=3.1V
, I D
=4.0A
ID=0.5A
4.0A
2.0A
VGS
=1.8V
, ID
=0.5A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com