Electronic Components Datasheet Search
  English  ▼

X  

LA5160AM Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5160AM
Description  5V/0.1A Constant-voltage Power Supply IC with Output ON/OFF Feature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5160AM Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5160AM Datasheet HTML 1Page - Sanyo Semicon Device LA5160AM Datasheet HTML 2Page - Sanyo Semicon Device LA5160AM Datasheet HTML 3Page - Sanyo Semicon Device LA5160AM Datasheet HTML 4Page - Sanyo Semicon Device LA5160AM Datasheet HTML 5Page - Sanyo Semicon Device LA5160AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
92706 / 61005 MH IM B8-8587 No.8319-1/6
LA5160AM
Overview
The LA5160AM is a general-purpose constant-voltage power supply IC incorporating the output ON/OFF function,
which offers advantages such as small current drain when output OFF and saves power dissipation of the equipment.
Functions & Features
• Output voltage ON/OFF control with the strobe pin (active, low)
• Output current of 100mA obtainable
• Small current drain when output OFF and optimum for power saving
• MFP8 package, ensuring easy mounting design
• Full compliment of protection circuits incorporated (including overcurrent protection, thermal protection)
Specifications
Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Input Voltage
VIN max
40
V
Strobe Pin Voltage
VST max
VIN max
V
Allowable Power Dissipation 1
Pd max1
Independent IC
0.3
W
Allowable Power Dissipation 2
Pd max2
* Mounted on a specified board
0.8
W
Operating Temperature
Topr
-40 to +125
°C
Storage Temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
×76.1mm×1.6mm Board material: glass epoxy
Recommended Operating Conditions at Ta=-40
°C • +25°C • +125°C
Parameter
Symbol
Conditions
Ratings
Unit
Input Voltage
VIN
7.5 to 20
V
Output Current
IOUT
0 to 100
mA
Output ON Control Voltage
VSTL
-0.3 to 0.7
V
Output OFF Control Voltage
VSTH
2.0 to VIN
V
Ordering number : ENN8319
Monolithic Linear IC
5V/0.1A Constant-voltage Power Supply
IC with Output ON/OFF Feature
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - LA5160AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA5112N ETC-LA5112N Datasheet
69Kb / 2P
LA5112N
logo
Sanyo Semicon Device
LA5112N SANYO-LA5112N Datasheet
39Kb / 1P
COMPACT DC MOTOR SPEED CONTROLLER
More results

Similar Description - LA5160AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Sanyo Semicon Device
LV59018M SANYO-LV59018M Datasheet
783Kb / 7P
1.8V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M Datasheet
783Kb / 7P
3.3V Constant-Voltage Power Supply IC
LV59012M SANYO-LV59012M Datasheet
783Kb / 7P
1.2V Constant-Voltage Power Supply IC
LV59025M SANYO-LV59025M Datasheet
372Kb / 7P
2.5V Constant-Voltage Power Supply IC
L78MS05J SANYO-L78MS05J_06 Datasheet
347Kb / 7P
5V Constant-Voltage Power Supply with Strobe Line
LV59012M SANYO-LV59012M_10 Datasheet
325Kb / 7P
1.2V Constant-Voltage Power Supply IC
LV59025M_1009 SANYO-LV59025M_1009 Datasheet
341Kb / 7P
2.5V Constant-Voltage Power Supply IC
LV59033M SANYO-LV59033M_10 Datasheet
302Kb / 7P
3.3V Constant-Voltage Power Supply IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com