Electronic Components Datasheet Search
  English  ▼

X  

LA5160AM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5160AM
Description  5V/0.1A Constant-voltage Power Supply IC with Output ON/OFF Feature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5160AM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5160AM Datasheet HTML 1Page - Sanyo Semicon Device LA5160AM Datasheet HTML 2Page - Sanyo Semicon Device LA5160AM Datasheet HTML 3Page - Sanyo Semicon Device LA5160AM Datasheet HTML 4Page - Sanyo Semicon Device LA5160AM Datasheet HTML 5Page - Sanyo Semicon Device LA5160AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA5160AM
No.8319-2/6
Operation Characteristics at Ta=-40
°C • +25°C • +125°C, unless otherwise specified,
VIN=10V and IOUT=50mA in the specified test circuit
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Voltage 1
VOUT1
4.8
5.0
5.2
V
Line Regulation 1
∆VOLN1
7V
≤ VIN ≤ 25V, IOUT=20mA
3
50
mV
Line Regulation 2
∆VOLN2
8V
≤ VIN ≤ 20V, IOUT=20mA
1
25
mV
Load Regulation 1
∆VOLD1
1mA
≤ IOUT ≤ 50mA
100
mV
Load Regulation 2
∆VOLD2
1mA
≤ IOUT ≤ 20mA
50
mV
Output Voltage 2
VOUT2
7V
≤ VIN ≤ 20V, 1mA ≤ IOUT ≤ 50mA
4.75
5.25
V
Current Dissipation
IQ
1.9
5.0
mA
Output Noise Voltage
VNO
10Hz
≤ f ≤ 100kHz
90
µVrms
Rrej1
f=120Hz
8V
≤VIN≤19V IOUT=10mA
60
63
dB
Ripple Rejection
Rrej2
f=120Hz
8V
≤ VIN ≤ 19V IOUT=50mA
50
54
dB
Minimum I/O Voltage Difference
Vdrop
IOUT=50mA
2.0
V
Output ON Control Voltage
VSTL
0.7
V
Short-Circuit Current
IOSC
VIN=35V, relative to GND
300
mA
Peak Output Current
IOP
700
mA
[ VST="H" when the output is OFF ]
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
"L" Output Voltage
VOOFF
VST=5V
20
200
mV
Quiescent Current
IQOFF
Excluding VST=5V and ISTB
35
40
µA
Output OFF Control Voltage
VSTH
2.0
VIN
V
Thermal protection
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Operating Temperature *
TTSD
150
180
°C
Note : The value with an asterisk mark for thermal protection is the design target value and no measurement is made.
Pin Assignment
Note: Do not use NC pins (Pin Nos. 1, 3, 6, and 8)
NC
VIN
1
2
3
4
NC
GND
8
7
6
5
STB
NC
VOUT
NC
Top view
LA5160AM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com