Electronic Components Datasheet Search
  English  ▼

X  

LA5693AM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5693AM
Description  Voltage Regulator Driver with Watchdog Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693AM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5693AM Datasheet HTML 1Page - Sanyo Semicon Device LA5693AM Datasheet HTML 2Page - Sanyo Semicon Device LA5693AM Datasheet HTML 3Page - Sanyo Semicon Device LA5693AM Datasheet HTML 4Page - Sanyo Semicon Device LA5693AM Datasheet HTML 5Page - Sanyo Semicon Device LA5693AM Datasheet HTML 6Page - Sanyo Semicon Device LA5693AM Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA5693AM
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Allowable power dissipation
Pd max
370
mW
Operating temperature
Topr
-40 to +125
°C
Storage temperature
Tstg
-55 to +150
°C
* : A PNP transistor is connected to the LA5693AM externally to provide a low-saturation voltage regulator.
Therefore, ICONT ≈100mA will flow, as starting current, in the VCC range where the output cannot be regulated.
Operating Conditions at Ta = -40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
Control pin voltage
VCONT
6 to 40
V
Control pin current
ICONT
10
mA
Reset output current
IRES(1) max,
IRES(2) max
RES(2) : 10k
Ω pull-up
8
mA
Reset detection voltage
VS min
4
V
Operating Characteristics at Ta= -40 to +125°C, VCC=14V, IO=50mA, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VO
4.8
5.0
5.2
V
Line regulation1
ΔVOLN1
9V
≤ VCC ≤ 16V
2
10
mV
Line regulation2
ΔVOLN2
6V
≤ VCC ≤ 40V
4
30
mV
Load regulation
ΔVOLD
1mA
≤ IO ≤ 50mA
4
30
mV
Current dissipation
ICC
IO = 0
4.4
6.5
mA
Output noise voltage
VNO
10Hz
≤ f ≤ 100kHz, VCK = 0
150
μV
Temperature coefficient
of output voltage
ΔVO /∆Ta
IO = 5mA, –40°C ≤ Ta ≤ +85°C
±0.2
mV/
°C
Reference voltage
VREF
1.13
1.18
1.23
V
‘H’-level CK input voltage
VIH
2
V
‘L’-level CK input voltage
VIL
0.8
V
‘H’-level CK input current
IIH
VCK = 5V
0.3
0.7
mV
‘L’-level CK input current
IIL
VCK = 0V
-1.0
-0.1
μA
‘H’-level reset output voltage
VORH(1),
VORH(2)
RES(2) : 10k
Ω pull-up
4.8
5.0
5.2
V
‘L’-level reset output voltage1
VORL(1)1,
VORL(1)1
RES(2) : 10k
Ω pull-up
40
200
mV
‘L’-level reset output voltage2
VORL(1) 2,
VORL(1)2
IRES(1) = IRES(2) = 8mA
0.16
0.8
V
CK input pulse width
tCKW
VCK = 5V
3
μs
Reset output delay time
td
Ct = 1μF
7.0
10
20
ms
Watchdog time 1
tWD1
Ct = 1μF (Ta = -40 to +125°C)
25
40
60
ms
Watchdog time 2
tWD2
Ct = 1μF (Ta = -40 to +85°C)
25
40
53
ms
Watchdog reset time
tWR
Ct = 1μF
0.1
0.25
0.4
ms
Reset hysteresis voltage
Vhys
VS = 4.5V
100
200
300
mV
No.7559-2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com