Electronic Components Datasheet Search
  English  ▼

X  

LA5693AM Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA5693AM
Description  Voltage Regulator Driver with Watchdog Timer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693AM Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA5693AM Datasheet HTML 1Page - Sanyo Semicon Device LA5693AM Datasheet HTML 2Page - Sanyo Semicon Device LA5693AM Datasheet HTML 3Page - Sanyo Semicon Device LA5693AM Datasheet HTML 4Page - Sanyo Semicon Device LA5693AM Datasheet HTML 5Page - Sanyo Semicon Device LA5693AM Datasheet HTML 6Page - Sanyo Semicon Device LA5693AM Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA5693AM
Note on application
1. For stable operation, place Cin, CO, and TR1 as near to the IC as possible.
2. When used in 0°C or below it, a capacitor of which impedance at high-frequency operation is low and has a good
temperature characteristic (such as SANYO OS-CON capacitor or others) should be used to prevent oscillation.
3. Set VS to the output voltage level where the circuit will be reset using external resistors R1 and R2. VS should be set
to 4V or greater due to internal circuit operation.
4. CCK must be inserted to cut the high range element of clock noise to prevent it from becoming a reset output noise.
5. For Ct, a capacitor which less varies the capacitance according to the temperature should be used.
Timing Chart
Note : Edge-triggered at the point indicated by the arrow of CK signal.
No.7559-5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com