Electronic Components Datasheet Search
  English  ▼

X  

MTA002 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTA002
Description  High Output Interface Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTA002 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTA002 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTA002 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTA002
High Output Interface Driver ICs
●
Equivalent Circuit
●
Pin Assignment
Package
ZIP-27
●True Table
Vcc
VIN
VENA
Output Transistor
L
××
OFF
HHH
OFF
HH
L
OFF
HL
H
OFF
HL
L
ON
●Recommended Operating Conditions (Ta=25℃)
Item
Symbol
min.
typ.
max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Output Current
IC IF
1.5
A
Output Voltage
VCE VR
50
V
Junction Temperature
Tj
-25
120
℃



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com