Electronic Components Datasheet Search
  English  ▼

X  

MTA002 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTA002
Description  High Output Interface Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTA002 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MTA002 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTA002 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHINDENGEN
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTA Series
High Output Interface Driver ICs
RATINGS
OUTLINE DIMENSIONS
(Unit : mm)
MTA002
Case : ZIP-27
●
Nine output drivers per package
(Quasi PNP darlington output)
●
TTL/CMOS compatible inputs (Low active)
●
Enable input
FEATURES
●
Head needle drive for printer
●
Display drive
APPLICATION
●Absolute Maximum Ratings (Ta=25℃)
Item
Symbol
Ratings
Unit
Output Voltage
VCEO(SUS)
60
V
Output Current
IO
2A
Reverse Voltage(flyback diode)
VR
60
V
Forward Current(each flyback diode)
I
F
2A
Forward Current(each common terminal)
IF
10
A
Output Current(each GND terminal)
IGND
10
A
Logic Supply Voltage
VCC
0~7V
Logic Input Voltage
V
IN
0~V
CC
V
Enable Input Voltage
VENA
0~VCC
V
Total Power Dissipation
PT
5W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-40~150
℃
●Electrical Characteristics (Ta=25℃)
Item
Symbol
Test Conditions
min.
typ.
max.
Unit
Output Saturation Voltage
VCE(sat) Vcc=5V,Ic=1.5A,VIN=VENA=0V
2.0
2.5
V
Output Leakage Current
ICE
VCE=60V
10
μA
Logic Supply Current(Standby)
ICC(OFF) Vcc=5V,VIN="H"
15
20
mA
Logic Supply Current(All Circuit ON)
ICC(ON) Vcc=5V,VIN="L"
15
20
mA
Input High Voltage
VINH
VCC = 5V
2.7
V
Input Low Voltage
VINL
VCC = 5V
1.5
V
Logic High Input Current
lINH
VCC = 5V,VIN=2.7V
10
μA
Logic Low Input Current
lINL
VCC = 5V,VIN=0V
-10
-50
μA
Enable”H”Input Voltage
VENAH VCC=5V
2.7
V
Enable”L”Input Voltage
VENAL VCC=5V
1.5
V
Enable”H”Input Current
IENAH VCC=5V,VENA=2.7V
10
μA
Enable”L”Input Current
IENAL
VCC=5V,VENA=0V
-25
-100
μA
Thermal Resistance
θjc
3.57
℃/W
θja
25
℃/W
Reverse Current(each flyback diode)
IR
VR=60V
10
μA
Reverse Voltage(flyback diode)
VF
IF=1.5A
1.4
1.7
V
Dielectric Strength
VISO
Substrate to Terminals
500
V


Similar Part No. - MTA002

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTA002 SHINDENGEN-MTA002_17 Datasheet
199Kb / 4P
Built-in 9-Circuits (Quasi PNP Darlington Output)
More results

Similar Description - MTA002

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7300A SANKEN-SI-7300A Datasheet
67Kb / 5P
Unipolar Driver ICs
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
Unipolar Driver ICs
logo
Shindengen Electric Mfg...
MTA001M SHINDENGEN-MTA001M Datasheet
397Kb / 2P
High Output Interface Driver ICs
MTA011 SHINDENGEN-MTA011 Datasheet
396Kb / 2P
High Output Interface Driver ICs
MTB001 SHINDENGEN-MTB001 Datasheet
354Kb / 2P
High Output Interface Driver ICs
MTB011 SHINDENGEN-MTB011 Datasheet
353Kb / 2P
High Output Interface Driver ICs
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
Smartcard Interface ICs
Rev.1, Oct-2006
logo
Sanken electric
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
Motor Driver ICs
logo
Epson Company
S2D13P04 EPSON-S2D13P04 Datasheet
677Kb / 2P
Multi Camera Interface ICs
S2D13P04F00A EPSON-S2D13P04F00A Datasheet
677Kb / 2P
Multi Camera Interface ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com