Electronic Components Datasheet Search
  English  ▼

X  

BYT53F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYT53F
Description  Ultra Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT53F Datasheet(HTML) 3 Page - Vishay Siliconix

  BYT53F Datasheet HTML 1Page - Vishay Siliconix BYT53F Datasheet HTML 2Page - Vishay Siliconix BYT53F Datasheet HTML 3Page - Vishay Siliconix BYT53F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYT53A, BYT53B, BYT53C, BYT53D, BYT53F, BYT53G
Ultra Fast Avalanche Sinterglass
Diode
Vishay Semiconductors
Document Number: 86030
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.9, 04-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
Fig. 5 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 6 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
0
20
40
60
80
100
120
140
160
180
200
220
16336
V
R = VRRM
P
R - Limit
at 100 % V
R
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
P
R - Limit
at 80 % V
R
0
10
20
30
40
50
60
0.1
1
10
100
VR - Reverse Voltage (V)
16337
f = 1 MHz
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com