Electronic Components Datasheet Search
  English  ▼

X  

MTD2005F Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2005F
Description  Stepping Motor Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2005F Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2005F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2005F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTD2005F
Stepping Motor Driver ICs
●
Setting of Output Current and Chopping Frequency
Fig.1 shows constant current chopping wave form.
○
Output Current setting
○
Chopping Frequency Setting
●
Equivalent Circuit・Basic Application Circuit
●
Pin Assignment
f =
1
0.72・Ct・Rt
Io =
R1+R2
R2
・
Rs
Vcc
Fig.1 Constant current wave form (Motor current / phase)
●True Table
ENA A or B
ENA A or B
Out 1 or 4
Out 2 or 3
LL
L
H
LH
H
L
H
×
OFF
OFF
× : don't care
●Recommended Parts Value
Symbol
Recommended Value
Unit
Rs
0.68
Ω
Rt
13kΩ
Ct
4700
pF
R1+R2
<10kΩ
●Recommended Operating Conditions (Ta=25℃)
Item
Symbol
min.
typ.
max.
Unit
Motor Supply Voltage
Vmm
50
V
Output Current
Io
0.8
A
Output Emitter Voltage
VE
1
V
Logic Supply Voltage
Vcc
4.75
5.25
V
Chopping Frequency
fchop
20
kHz
Operating Temperature
Top
-25
120
℃
●True Table for Current Decay
L
FAST (Sink+Source Chopping)
H
SLOW (Source Chopping)
DECAY
Current Decay Mode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com