Electronic Components Datasheet Search
  English  ▼

X  

MTD2005F Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2005F
Description  Stepping Motor Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2005F Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2005F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2005F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
MTD Series
Stepping Motor Driver ICs
MTD2005F
Case : HSOP-28
●
Constant-current chopping function
(Frequency fixed, separate-oscillation)
●
2-phase input
(ENA input is useful for half step drive)
●
Selectable slow/fast current decay for
improved micro stepping
●
A noise cancel function is provided
(No externally attached filter needed)
●
Protection for penetration current
●
Built-in thermal alarm
●
Built-in flywheel diodes
FEATURES
●Absolute Maximum Ratings (Ta=25℃)
Item
Symbol
Ratings
Unit
Output Voltage
VCEO(SUS)
60
V
Output Current
IO
1.0
A
Logic Supply Voltage
VCC
0~6V
Logic Input Voltage
VIN
0~VCC
V
Total Power Dissipation
PT
3W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-40~150
℃
●Electrical Characteristics (Ta=25℃)
Item
Symbol
Test Conditions
min.
typ.
max.
Unit
Output Saturation Voltage(Upper side)
VCE(sat)H Io=0.8A
1.0
1.4
V
Output Saturation Voltage(Lower side)
VCE(sat)L Io=0.8A
1.0
1.4
V
Output Leakage Current(Upper side)
IrH
Vmm=60V,Vout=0V
10
μA
Output Leakage Current(Lower side)
I
rL
Vout=60V,VRS=0V
10
μA
Logic Supply Current(Standby)
ICC(OFF) Vcc=5V,VENA="H"
19
26
mA
Logic Supply Current(All Circuit ON)
ICC(ON) Vcc=5V,VENA="L"
25
33
mA
Phase"H"Input Voltage
VphaH V
CC = 5V
2.7
Vcc
V
Phase"L"Input Voltage
VphaL V
CC = 5V
GND
0.8
V
Phase"H"Input Current
IphaH
VCC = 5V,Vpha=5V
10
μA
Phase"L"Input Current
IphaL
VCC = 5V,Vpha=0V
-100
-150
μA
Enable”H”Input Voltage
VENAH VCC=5V
2.7
Vcc
V
Enable”L”Input Voltage
VENAL VCC=5V
GND
0.8
V
Enable”H”Input Current
IENAH
VCC=5V,VENA=5V
10
μA
Enable”L”Input Current
IENAL
VCC=5V,VENA=0V
-100
-150
μA
DECAY”H”Input Voltage
V
DECH
VCC=5V
2.7
Vcc
V
DECAY”L”Input Voltage
VDECL VCC=5V
GND
0.8
V
DECAY”H”Input Current
IDECH
VCC=5V,VDEC=5V
10
μA
DECAY”L”Input Current
IDECL
VCC=5V,VDEC=0V
-200
-300
μA
Reference Input Current
Iref
VCC=5V,Vref=0V
-1
-10
μA
Input Current(Current Sensor)
Isense
VCC=5V,VS=0V
-1
-10
μA
Maximum Sensing Voltage
VS(max.) VCC=5V
1.0
V
Pulse Blanking Time
tb
VCC=5V,Ct=3300pF
1.35
μs
Thermal Alarm Cutoff Current
Iralm
VCC=5V,Valm=5V
10
μA
Thermal Alarm Output Current
Ialm
VCC=5V,Valm=0.5V
2
mA
Thermal Alarm Temperature
Talm
140
℃


Similar Part No. - MTD2005F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2005F SHINDENGEN-MTD2005F_10 Datasheet
252Kb / 4P
Constant Current Control Function (Fixed Frequency PWM Control)
MTD2005F SHINDENGEN-MTD2005F_17 Datasheet
272Kb / 6P
Constant Current Control Function (Fixed Frequency PWM Control)
More results

Similar Description - MTD2005F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
Stepping motor driver
logo
Shindengen Electric Mfg...
MTD1110 SHINDENGEN-MTD1110 Datasheet
435Kb / 2P
Stepping Motor Driver ICs
MTD1120 SHINDENGEN-MTD1120 Datasheet
421Kb / 2P
Stepping Motor Driver ICs
MTD1120F SHINDENGEN-MTD1120F Datasheet
408Kb / 2P
Stepping Motor Driver ICs
MTD2001 SHINDENGEN-MTD2001 Datasheet
441Kb / 2P
Stepping Motor Driver ICs
MTD2003 SHINDENGEN-MTD2003 Datasheet
425Kb / 2P
Stepping Motor Driver ICs
MTD2003F SHINDENGEN-MTD2003F Datasheet
417Kb / 2P
Stepping Motor Driver ICs
MTD2005 SHINDENGEN-MTD2005 Datasheet
445Kb / 2P
Stepping Motor Driver ICs
logo
Rohm
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
Stepping motor driver
logo
Sanken electric
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
Unipolar 2-Phase Stepping Motor Driver ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com