Electronic Components Datasheet Search
  English  ▼

X  

DG409LDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG409LDY
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG409LDY Datasheet HTML 3Page - Vishay Siliconix DG409LDY Datasheet HTML 4Page - Vishay Siliconix DG409LDY Datasheet HTML 5Page - Vishay Siliconix DG409LDY Datasheet HTML 6Page - Vishay Siliconix DG409LDY Datasheet HTML 7Page - Vishay Siliconix DG409LDY Datasheet HTML 8Page - Vishay Siliconix DG409LDY Datasheet HTML 9Page - Vishay Siliconix DG409LDY Datasheet HTML 10Page - Vishay Siliconix DG409LDY Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Document Number: 71342
S11-1066-Rev. G, 30-May-11
www.vishay.com
7
Vishay Siliconix
DG408L, DG409L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. VD and Power Supply
Input Threshold vs. V+ Supply Voltage
RDS(on) vs. VD and Temperature
0
10
20
30
40
50
60
70
80
0
246
8
10
12
VD - Drain Voltage (V)
V+ = 2.7 V
V+ = 4.5 V
V+ = 12 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
14
V+ - Positive Supply Voltage (V)
Upper Threshold Limit
Low Threshold Limit
0
5
10
15
20
25
30
35
- 6
- 4
- 2
0
2
4
6
25
°C
VD - Drain Voltage (V)
- 55 °C
125
°C
85
°C
RDS(on) vs. VD and Power Supply
RDS(on) vs. VD and Temperature
Switching Time vs. Positive Supply Voltage
0
5
10
15
20
25
- 5
- 3
- 1
1
3
5
VD - Drain Voltage (V)
V+ = 5 V
V- = - 5 V
0
10
20
30
40
50
0
123
456
25
°C
VD - Drain Voltage (V)
- 55 °C
85
°C
125
°C
0
10
20
30
40
50
60
70
024
6
8
10
12
14
V+ - Positive Supply Voltage (V)
tON
tTRANS
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com