Electronic Components Datasheet Search
  English  ▼

X  

DG409LDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG409LDY
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDY Datasheet(HTML) 1 Page - Vishay Siliconix

  DG409LDY Datasheet HTML 1Page - Vishay Siliconix DG409LDY Datasheet HTML 2Page - Vishay Siliconix DG409LDY Datasheet HTML 3Page - Vishay Siliconix DG409LDY Datasheet HTML 4Page - Vishay Siliconix DG409LDY Datasheet HTML 5Page - Vishay Siliconix DG409LDY Datasheet HTML 6Page - Vishay Siliconix DG409LDY Datasheet HTML 7Page - Vishay Siliconix DG409LDY Datasheet HTML 8Page - Vishay Siliconix DG409LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
DG408L, DG409L
Document Number: 71342
S11-1066-Rev. G, 30-May-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
DESCRIPTION
The DG408L, DG409L are low voltage pin-for-pin compatible
companion devices to the industry standard DG408, DG409
with improved performance.
Using BiCMOS wafer fabrication technology allows the
DG408L, DG409L to operate on single and dual supplies.
Single supply voltage ranges from 3 V to 12 V while dual
supply operation is recommended with ± 3 V to ± 6 V.
The DG408L is an 8 channel single-ended analog
multiplexer designed to connect one of eight inputs to a
common output as determined by a 3 bit binary address
(A0, A1, A2). The DG409L is a dual 4 channel differential
analog multiplexer designed to connect one of four
differential inputs to a common dual output as determined by
its 2 bit binary address (A0, A1). Break-before-make
switching action to protect against momentary crosstalk
between adjacent channels.
The DG408L, DG409L provides lower on-resistance, faster
switching time, lower leakage, less power consumption and
higher off-Isolation than the DG408, DG409.
FEATURES
•
Halogen-free according to IEC 61249-2-21
Definition
• Pin-for-pin compatibility with DG408, DG409
• 2.7 V to 12 V single supply or ± 3 V to ± 6 V
dual supply operation
•
Lower on-resistance: RDS(ON) - 17  typ.
•
Fast switching: tON - 38 ns, tOFF - 18 ns
•
Break-before-make guaranteed
•
Low leakage: IS(off) - 0.2 nA max.
•
Low charge injection: 1 pC
•
TTL, CMOS, LV logic (3 V) compatible
•
82 dB off-isolation at 1 MHz
•
2000 V ESD protection (HBM)
•
Compliant to RoHS Directive 2002/95/EC
BENEFITS
•
High accuracy
•
Single and dual power rail capacity
•
Wide operating voltage range
•
Simple logic interface
APPLICATIONS
•
Data acquisition systems
•
Battery operated equipment
•
Portable test equipment
•
Sample and hold circuits
•
Communication systems
•SDSL, DSLAM
•
Audio and video signal routing
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply
A0
Da
A1
Db
EN
GND
V-
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG409L
Dual-In- Line, SOIC and TSSOP
S3
A0
S6
D
S4
A1
S8
S7
EN
A2
V-
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG408L
Dual-In- Line, SOIC and TSSOP


Similar Part No. - DG409LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG409LDY VISHAY-DG409LDY Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG409LDY-E3 VISHAY-DG409LDY-E3 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG409LDY-T1 VISHAY-DG409LDY-T1 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG409LDY-T1-E3 VISHAY-DG409LDY-T1-E3 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
More results

Similar Description - DG409LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
05-Aug-02
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
10-Oct-05
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com