Electronic Components Datasheet Search
  English  ▼

X  

DG441B Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG441B
Description  Improved Quad SPST CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441B Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG441B Datasheet HTML 7Page - Vishay Siliconix DG441B Datasheet HTML 8Page - Vishay Siliconix DG441B Datasheet HTML 9Page - Vishay Siliconix DG441B Datasheet HTML 10Page - Vishay Siliconix DG441B Datasheet HTML 11Page - Vishay Siliconix DG441B Datasheet HTML 12Page - Vishay Siliconix DG441B Datasheet HTML 13Page - Vishay Siliconix DG441B Datasheet HTML 14Page - Vishay Siliconix DG441B Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Terminal Tip
5
Index Area
(D 2
E 2)
Exposed Pad
8
-B-
D
D/2
E/2
-A-
E
C
aaa
2 X
Top View
AA1
A3
-C-
Seating Plane
Side View
BB
DD
AA
CC
Detail A
C
0.08
Nx
9
C
ccc
//
D2
D2/2
Detail B
(NE-1) x e
6
N
L
E2/2
E2
Detail A
2
1
N-1
N
(ND-1) x e
8
Bottom View
C
bbb M
A B
N
b
5
Datum A or B
N
r
e
Terminal Tip
5
Even Terminal/Side
Odd Terminal/Side
Detail B
e
e/2
4
C
aaa
2 X
Package Information
Vishay Siliconix
Document Number: 71921
19-Aug-02
www.vishay.com
1
QFN−16 (4 4 mm)
JEDEC Part Number: MO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com