Electronic Components Datasheet Search
  English  ▼

X  

DG441B Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG441B
Description  Improved Quad SPST CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441B Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG441B Datasheet HTML 7Page - Vishay Siliconix DG441B Datasheet HTML 8Page - Vishay Siliconix DG441B Datasheet HTML 9Page - Vishay Siliconix DG441B Datasheet HTML 10Page - Vishay Siliconix DG441B Datasheet HTML 11Page - Vishay Siliconix DG441B Datasheet HTML 12Page - Vishay Siliconix DG441B Datasheet HTML 13Page - Vishay Siliconix DG441B Datasheet HTML 14Page - Vishay Siliconix DG441B Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72608
24
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-16
RECOMMENDED MINIMUM PADS FOR SO-16
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.047
(1.194)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
0.372
(9.449)
Return to Index
Return to Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com