Electronic Components Datasheet Search
  English  ▼

X  

HT16C23 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT16C23
Description  RAM Mapping 56*4 / 52*8 LCD Driver Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C23 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT16C23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 22Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 23Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 24Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Rev. 1.10
21
June 21, 2011
HT16C23/HT16C23G
Display RAM Page Write Operation
After a START condition the slave address with the R/W bit is placed on the bus followed with a command
byte and the specified display RAM Register Address of which the contents are written to the internal address
pointer. The data to be written to the memory will be transmitted next and then the internal address pointer will be
incremented by 1 to indicate the next memory address location after the reception of an acknowledge clock pulse.
After the internal address point reaches the maximum memory address, which is 1BH for 1/4 duty drive mode or
33H for 1/8 duty drive mode, the address pointer will be reset to 00H.
Slave Address
ACK
Write
ACK
S
0
1
1
1
1
1
0
0
ACK
2nd
ACK
Data byte
P
D7
D6
D5
D4
D3
D2
D1
D0
Nth data
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
2nd data
ACK
ACK
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
1st data
ACK
Register Address byte
Command byte
1st
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
N Bytes Display RAM Data Write Operation
Display RAM Read Operation
● In this mode, the master reads the HT16C23/HT16C23G data after setting the slave address. Following the
R/W bit (=“0”) is an acknowledge bit, a command byte and the register address byte which is written to the
internal address pointer. After the start address of the Read Operation has been configured, another START
condition and the slave address transferred on the bus followed by the R/W bit (=“1”). Then the MSB of the
data which was addressed is transmitted first on the I2C bus. The address pointer is only incremented by 1 after
the reception of an acknowledge clock. That means that if the device is configured to transmit the data at the
address of AN+1, the master will read and acknowledge the transferred new data byte and the address pointer is
incremented to AN+2. After the internal address pointer reaches the maximum memory address, which is 1Bh for
1/4 duty drive mode or 33H for 1/8 duty drive mode, the address pointer will be reset to 00H.
● This cycle of reading consecutive addresses will continue until the master sends a STOP condition.
ACK
Write
ACK
P
Slave Address
S 0 1 1 1 1 1 0 0
Data byte
NACK
D7 D6 D5 D4 D3 D2 D1 D0
1st data
Data byte
ACK
P
D7 D6 D5 D4 D3 D2 D1 D0
Nth data
Data byte
D7 D6 D5 D4 D3 D2 D1 D0
2nd data
ACK
ACK
ACK
Device Address
Read
S 0 1 1 1 1 1 0 1
ACK
Register Address byte
Command byte
1st
2nd
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com