Electronic Components Datasheet Search
  English  ▼

X  

HT16C23 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16C23
Description  RAM Mapping 56*4 / 52*8 LCD Driver Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C23 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16C23 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Rev. 1.10
3
June 21, 2011
HT16C23/HT16C23G
Pad assignment for COB
(0, 0)
22
35
34
33
32
30 31
29
28
27
26
25
24
23
50
1
SDA
SCL
Option
VSS
COM0
COM1
COM2
COM3
COM4/SEG0
COM5/SEG1
COM6/SEG2
COM7/SEG3
SEG4
SEG5
SEG6
SEG7
SEG38
SEG37
SEG36
SEG35
SEG34
SEG33
SEG32
SEG31
SEG30
SEG29
SEG28
SEG27
SEG26
SEG25
SEG24
VDD
N.C.
68 67 66 65 64 63 62 61
58
59
57 56 55 54 53 52 51
60
36
49
48
47
46
45
44
43
42
41
40
39
38
37
2
3
4
6
5
7
8
10
9
11
12
13
14
15
16
17
18
19
20 21
Chip size: 1843 x 2018μm2
Note: 1. The option (pad 5) must be bonded to VDD or floating.
2. The IC substrate should be connected to VSS in the PCB layout artwork.
3. VLCD (pad 68) and VCCA2 (pad 1) must be bonded together for the application at VDD ≤ VLCD or
VLCD ≤ VDD.
Internal voltage adjustment (IVA)
set command
VLCD
(pad 68)
SEG55
(pad 67)
Note
DE bit
VE bit
0
0
Input
Null
● VLCD support internal bias voltage.
0
1
Input
Null
● Internal Voltage Adjustment is null
● VLCD support internal bias voltage
1
0
Input
Output
● VLCD support internal bias voltage
1
1
Input
Output
● VLCD support internal bias voltage
4. VDD (pad2) and VCCA2 (pad 1) must be bonded together for the application at VLCD ≤ VDD.
Internal voltage adjustment (IVA)
set command
VLCD
(pad 68)
SEG55
(pad 67)
Note
DE bit
VE bit
0
0
Input
Null
● VLCD support internal bias voltage.
0
1
Output
Null
● Detect the internal bias voltage
● VDD support internal bias voltage
1
0
Floating
Output
● VDD support internal bias voltage
1
1
Floating
Output
● VDD support internal bias voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com