Electronic Components Datasheet Search
  English  ▼

X  

HT16L21 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT16L21
Description  RAM Mapping 32x4 LCD Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16L21 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT16L21 Datasheet HTML 26Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 27Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 28Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 29Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 30Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 31Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 32Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 33Page - Holtek Semiconductor Inc HT16L21 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Rev. 1.00
30
November 16, 2011
HT16L21
• [SP1:SP0]=10
(1) RSTB pin is connected to a MCU.
RLED*4 LED*4
LCD panel
COM0~COM3
SEG0~27
COM0~COM3
SEG0~27
HT16L21
MCU
SCL
SDA
IFS
VDD
4.7K 4.7K
VDD
VLCD
VSS
VDD
RSTB
VLCD
VDD
0.1uF
0.1uF
LED0
LED1
LED2
LED3
VLCD
(2) RSTB pin is connected to external resistor and capacitor.
LCD panel
COM0~COM3
SEG0~27
COM0~COM3
SEG0~27
HT16L21
MCU
SCL
SDA
IFS
VDD
4.7K 4.7K
VDD
VLCD
VSS
VDD
RSTB
VLCD
VDD
0.1uF
0.1uF
0.1uF
100K
RLED*4 LED*4
LED0
LED1
LED2
LED3
VLCD
(3) Use internal power on reset circuit only, the RSTB pin must be connected to VDD
LCD panel
COM0~COM3
SEG0~27
COM0~COM3
SEG0~27
HT16L21
MCU
SCL
SDA
IFS
VDD
4.7K 4.7K
VDD
VLCD
VSS
VDD
RSTB
VLCD
VDD
0.1uF
0.1uF
RLED*4 LED*4
LED0
LED1
LED2
LED3
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com