Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
144
October 24, 2011
I
2C Interface
The I
2C interface is used to communicate with external
peripheral devices such as sensors, EEPROM memory
etc. Originally developed by Philips, it is a two line low
speed serial interface for synchronous serial data trans-
fer. The advantage of only two lines for communication,
relatively simple communication protocol and the ability
to accommodate multiple devices on the same bus has
made it an extremely popular interface type for many
applications.
· I2C Interface Operation
The I
2C serial interface is a two line interface, a serial
data line, SDA, and serial clock line, SCL. As many
devices may be connected together on the same bus,
their outputs are both open drain types. For this rea-
son it is necessary that external pull-high resistors are
connected to these outputs. Note that no chip select
line exists, as each device on the I
2C bus is identified
by a unique address which will be transmitted and re-
ceived on the I
2C bus.
When two devices communicate with each other on
the bidirectional I
2C bus, one is known as the master
device and one as the slave device. Both master and
slave can transmit and receive data, however, it is the
master device that has overall control of the bus. For
these devices, which only operates in slave mode,
there are two methods of transferring data on the I
2C
bus, the slave transmit mode and the slave receive
mode.
There are several configuration options associated
with the I
2C interface. One of these is to enable the
function which selects the SIM pins rather than normal
I/O pins. Note that if the configuration option does not
select the SIM function then the SIMEN bit in the
SIMC0 register will have no effect. A configuration op-
tion determines the debounce time of the I
2C inter-
face. This uses the system clock to in effect add a
debounce time to the external clock to reduce the pos-
sibility of glitches on the clock line causing erroneous
operation. The debounce time, if selected, can be
chosen to be either 2 or 4 system clocks. To achieve
the required I
2C data transfer speed, there exists a re-
lationship between the system clock, fSYS, and the I
2C
debounce time. For either the I
2C Standard or Fast
mode operation, users must take care of the selected
system clock frequency and the configured debounce
time to match the criterion shown in the following ta-
ble.
I
2C Debounce
Time Selection
I
2C Standard
Mode (100kHz)
I
2C Fast Mode
(400kHz)
No debounce
fSYS > 2MHz
fSYS > 5MHz
2 system clock
debounce
fSYS > 4MHz
fSYS > 10MHz
4 system clock
debounce
fSYS > 8MHz
fSYS > 20MHz
I
2C Minimum f
SYS Frequency
· I
2C Registers
There are three control registers associated with the
I
2C bus, SIMC0, SIMC1 and SIMA and one data regis-
ter, SIMD. The SIMD register, which is shown in the
above SPI section, is used to store the data being
transmitted and received on the I
2C bus. Before the
microcontroller writes data to the I
2C bus, the actual
data to be transmitted must be placed in the SIMD
register. After the data is received from the I
2C bus,
the microcontroller can read it from the SIMD register.
Any transmission or reception of data from the I
2C bus
must be made via the SIMD register.
Note that the SIMA register also has the name SIMC2
which is used by the SPI function. Bit SIMEN and bits
SIM2~SIM0 in register SIMC0 are used by the I
2Cin-
terface.
S T A R T s i g n a l
f r o m M a s t e r
S e n d s l a v e a d d r e s s
a n d R / W b i t f r o m M a s t e r
A c k n o w l e d g e
f r o m s l a v e
S e n d d a t a b y t e
f r o m M a s t e r
A c k n o w l e d g e
f r o m s l a v e
S T O P s i g n a l
f r o m M a s t e r
D e v i c e
S l a v e
D e v i c e
M a s t e r
D e v i c e
S l a v e
V D D
S D A
S C L
I
2C Master Slave Bus Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com