| Electronic Components Datasheet Search |
|
HT66F30 Datasheet(PDF) 147 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F30 Datasheet(HTML) 147 Page - Holtek Semiconductor Inc |
|
147 / 244 page ![]() HT68F20/HT68F30/HT68F40/HT68F50/HT68F60 HT68FU30/HT68FU40/HT68FU50/HT68FU60 Rev. 1.60 147 October 24, 2011 The SIMD register is used to store the data being transmitted and received. The same register is used by both the SPI and I 2C functions. Before the device writes data to the SPI bus, the actual data to be transmitted must be placed in the SIMD register. After the data is received from the SPI bus, the device can read it from the SIMD register. Any transmis- sion or reception of data from the SPI bus must be made via the SIMD register. · SIMD Register Bit 76543210 Name D7 D6 D5 D4 D3 D2 D1 D0 R/W R/W R/W R/W R/W R/W R/W R/W R/W POR xxxxxxxx ²x² unknown · SIMA Register Bit 76543210 Name IICA6 IICA5 IICA4 IICA3 IICA2 IICA1 IICA0 ¾ R/W R/W R/W R/W R/W R/W R/W R/W ¾ POR xxxxxxx ¾ ²x² unknown Bit 7~1 IICA6~ IICA0:I 2C slave address IICA6~ IICA0 is the I 2C slave address bit 6~ bit 0. The SIMA register is also used by the SPI interface but has the name SIMC2. The SIMA register is the location where the 7-bit slave address of the slave device is stored. Bits 7~ 1 of the SIMA register define the device slave address. Bit 0 is not defined. When a master device, which is connected to the I 2C bus, sends out an address, which matches the slave address in the SIMA register, the slave device will be selected. Note that the SIMA register is the same register address as SIMC2 which is used by the SPI interface. Bit 0 Undefined bit This bit can be read or written by user software program. I 2 C D a t a R e g i s t e r ( S I M D ) S l a v e A d d r e s s R e g i s t e r ( S I M A ) S h i f t R e g i s t e r D i r e c t i o n C o n t r o l M U X A d d r e s s M a t c h H A A S B i t I 2 C I n t e r r u p t D a t a i n L S B D a t a O u t M S B T r a n s m i t / R e c e i v e C o n t r o l U n i t 8 - b i t D a t a C o m p l e t e D e t e c t S t a r t o r S t o p D a t a B u s A d d r e s s C o m p a r a t o r E n a b l e / D i s a b l e A c k n o w l e d g e R e a d / w r i t e S l a v e S R W B i t H B B B i t H T X B i t H C F B i t D e b o u n c e C i r c u i t r y S C L P i n S D A P i n C o n f i g u r a t i o n O p t i o n s I 2C Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |