Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 174 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 174 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 170Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 171Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 172Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 178Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 244 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
174
October 24, 2011
LVD Operation
The Low Voltage Detector function operates by compar-
ing the power supply voltage, VDD, with a pre-specified
voltage level stored in the LVDC register. This has a
range of between 2.0V and 4.4V. When the power sup-
ply voltage, VDD, falls below this pre-determined value,
the LVDO bit will be set high indicating a low power sup-
ply voltage condition. The Low Voltage Detector func-
tion is supplied by a reference voltage which will be
automatically enabled. When the device is powered
down the low voltage detector will remain active if the
LVDEN bit is high. After enabling the Low Voltage De-
tector, a time delay tLVDS should be allowed for the cir-
cuitry to stabilise before reading the LVDO bit. Note also
that as the VDD voltage may rise and fall rather slowly, at
the voltage nears that of VLVD, there may be multiple bit
LVDO transitions.
The Low Voltage Detector also has its own interrupt
which is contained within one of the Multi-function inter-
rupts, providing an alternative means of low voltage de-
tection, in addition to polling the LVDO bit. The interrupt
will only be generated after a delay of tLVD after the LVDO
bit has been set high by a low voltage condition. When
the device is powered down the Low Voltage Detector
will remain active if the LVDEN bit is high. In this case,
the LVF interrupt request flag will be set, causing an in-
terrupt to be generated if VDD falls below the preset LVD
voltage. This will cause the device to wake-up from the
SLEEP or IDLE Mode, however if the Low Voltage De-
tector wake up function is not required then the LVF flag
should be first set high before the device enters the
SLEEP or IDLE Mode.
SCOM Function for LCD
The devices have the capability of driving external LCD
panels. The common pins for LCD driving, SCOM0~
SCOM3, are pin shared with certain pin on the PC0~
PC3 or PC0 ~ PC1, PC6 ~ PC7 port. The LCD signals
(COM and SEG) are generated using the application
program.
LCD Operation
An external LCD panel can be driven using this device
by configuring the PC0~PC3 or PC0 ~ PC1, PC6 ~ PC7
pins as common pins and using other output ports lines
as segment pins. The LCD driver function is controlled
using the SCOMC register which in addition to control-
ling the overall on/off function also controls the bias volt-
age setup function. This enables the LCD COM driver to
generate the necessary VDD/2 voltage levels for LCD 1/2
bias operation.
The SCOMEN bit in the SCOMC register is the overall
master control for the LCD driver, however this bit is
used in conjunction with the COMnEN bits to select
which Port C pins are used for LCD driving. Note that the
Port Control register does not need to first setup the pins
as outputs to enable the LCD driver operation.
SCOMEN
COMnEN
Pin Function
O/P Level
0
X
I/O
0or1
1
0
I/O
0or1
1
1
SCOMn
VDD/2
Output Control
LCD Bias Control
The LCD COM driver enables a range of selections to
be provided to suit the requirement of the LCD panel
which is being used. The bias resistor choice is imple-
mented using the ISEL1 and ISEL0 bits in the SCOMC
register.
V D D
V L V D
L V D E N
L V D O
t L V D S
LVD Operation
V D D
S C O M 0 ~
S C O M 3
S C O M E N
C O M n E N
V D D / 2
S C O M o p e r a t i n g c u r r e n t
LCD COM Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com