Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 177 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 177 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 173Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 174Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 181Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 244 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later using the application program. All options must be defined for proper system function, the
details of which are shown in the table.
No.
Options
Oscillator Options
1
High speed system oscillator selection - fH:
1. HXT
2. ERC
3. HIRC
2
Low speed system oscillator selection - fL:
1. LXT
2. LIRC
3
WDT clock selection - fS:
1. fSUB
2. fSYS/4
4
HIRC frequency selection:
1. 4MHz
2. 8MHz
3. 12MHz
Note: The fSUB and the fTBC clock source are LXT or LIRC selection by the fL configuration option.
Reset Pin Options
5
PB0/RES pin options:
1. RES pin
2. I/O pin
Watchdog Options
6
Watchdog Timer function:
1. Enable
2. Disable
7
CLRWDT instructions selection:
1. 1 instructions
2. 2 instructions
LVR Options
8
LVR function:
1. Enable
2. Disable
9
LVR voltage selection:
1. 2.10V
2. 2.55V
3. 3.15V
4. 4.20V
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
177
October 24, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com