Electronic Components Datasheet Search
  English  ▼

X  

HT66F30 Datasheet(PDF) 179 Page - Holtek Semiconductor Inc

Part # HT66F30
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F30 Datasheet(HTML) 179 Page - Holtek Semiconductor Inc

Back Button HT66F30 Datasheet HTML 175Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 176Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 177Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 178Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 179Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 180Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 181Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 182Page - Holtek Semiconductor Inc HT66F30 Datasheet HTML 183Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 244 page
background image
UART Module Block Diagram
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.60
179
October 24, 2011
UART Module Serial Interface
UART Module Features
· Interconnected to Holtek MCU via SPI interface
· Full-duplex, Universal Asynchronous Receiver and
Transmitter (UART) communication
- 8 or 9 bit character length
- Even, odd or no parity options
- One or two stop bits
- Baud rate generator with 8-bit prescaler
- Parity, framing, noise and overrun error detection
- Support for interrupt on address detect
- Address Detect Interrupt - last character bit=1
- Transmitter and receiver enabled independently
- 4-byte deep FIFO receiver data buffer
- Transmit and Receive Multiple Interrupt Genera-
tion Sources:
¨ Transmitter Empty
¨ Transmitter Idle
¨ Receiver Full
¨ Receiver Overrun
¨ Address Mode Detect
- TX pin is high impedance when the UART transmit
module is disabled
- RX pin is high impedance when the UART receive
module is disabled
· CMOS clock input, CLKI, up to 20MHz at 5V
operating voltage
UART Module Overview
The device contains a fully embedded full-duplex asyn-
chronous serial communications UART interface that
enables data transmission and data reception with ex-
ternal devices. Possible applications could include data
communication networks between microcontrollers,
low-cost data links between PCs and peripheral
devices, portable and battery operated device commu-
nication, factory automation and process control to
name but a few.
S D I
S D O
S C K
S C S
V D D
C L K I
I N T
G N D
U A R T M o d u l e
V D D
T X
R X
U A R T
I n t e r f a c e
S P I
I n t e r f a c e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com