Electronic Components Datasheet Search
  English  ▼

X  

HT75B15 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT75B15
Description  High PSRR 150mA LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B15 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT75B15 Datasheet HTML 1Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 2Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 3Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Rev. 1.00
5
August, 9, 2011
HT75Bxx
Typical Characteristics
Output Voltage vs. Input Voltage
HT75B15
Input Voltage (V)
01234567
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1mA
30mA
150mA
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
7
TYPICAL CHARACTERISTICS
1.
Output Voltage vs. Input Voltage
HT75B25
Input Voltage (V)
01234567
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1mA
30mA
150mA
HT75B50
Input Voltage (V)
01234567
0
1
2
3
4
5
6
1mA
30mA
150mA
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
7
TYPICAL CHARACTERISTICS
1.
Output Voltage vs. Input Voltage
HT75B25
Input Voltage (V)
01234567
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1mA
30mA
150mA
HT75B50
Input Voltage (V)
01234567
0
1
2
3
4
5
6
1mA
30mA
150mA
Output Voltage vs. Temperature
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
8
HT75B50
Input Voltage (V)
01234567
0
1
2
3
4
5
6
1mA
30mA
150mA
2. Output Voltage vs. Temperature
HT75B15
Temperature (
oC)
-50
-25
0
25
50
75
100
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
I
OUT=30mA
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
9
HT75B25
Temperature (
oC)
-50
-25
0
25
50
75
100
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
I
OUT=30mA
HT75B50
Temperature (
oC)
-50
-25
0
25
50
75
100
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
I
OUT=30mA
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
9
HT75B50
Temperature (
oC)
-50
-25
0
25
50
75
100
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
I
OUT=30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com