Electronic Components Datasheet Search
  English  ▼

X  

HT75B15 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT75B15
Description  High PSRR 150mA LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75B15 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT75B15 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 11Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 12Page - Holtek Semiconductor Inc HT75B15 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Rev. 1.00
9
August, 9, 2011
HT75Bxx
Turn-on/off Speed With CE Pin
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
25
9. Turn-on/off speed with CE pin
IOUT=30mA HT75B50 VIN =6.0V (CIN= COUT =1uF) CH1=VEN CH2= VOUT
HT75B50 VIN=6.0V, CIN=COUT=1μF, CH1=VCE;
CH2=VOUT
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
26
IOUT=30mA HT75B50 VIN =6.0V (CIN= COUT =1uF) CH1=VEN CH2= VOUT
HT75B50 VIN=6.0V, CIN=COUT=1μF, CH1=VCE;
CH2=VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com