Electronic Components Datasheet Search
  English  ▼

X  

DG508B Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG508B
Description  Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508B Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG508B Datasheet HTML 7Page - Vishay Siliconix DG508B Datasheet HTML 8Page - Vishay Siliconix DG508B Datasheet HTML 9Page - Vishay Siliconix DG508B Datasheet HTML 10Page - Vishay Siliconix DG508B Datasheet HTML 11Page - Vishay Siliconix DG508B Datasheet HTML 12Page - Vishay Siliconix DG508B Datasheet HTML 13Page - Vishay Siliconix DG508B Datasheet HTML 14Page - Vishay Siliconix DG508B Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Document Number: 64821
S10-2817-Rev. D, 20-Dec-10
www.vishay.com
11
Vishay Siliconix
DG508B, DG509B
TEST CIRCUITS
Figure 4. Break-Before-Make Interval
50 %
80 %
Logic
Input
Switch
Output
VO
VO
tOPEN
tr < 20 ns
tf < 20 ns
0 V
3 V
0 V
EN
V+
GND
V-
+ 5 V
35 pF
- 15 V
+ 15 V
+ 2.4 V
A2
Db, D
All S and Da
1 k
VO
50
A1
A0
DG508B
DG509B
Figure 5. Charge Injection
A0
EN
A1
A2
VO
V+
GND
V-
D
- 15 V
+ 15 V
Rg
SX
CL
1 nF
Channel
Select
3 V
0 V
OFF
ON
Logic
Input
Switch
Output
VO
VO is the measured voltage due to charge transfer
error Q, when the channel turns off.
QINJ = CL x VO
OFF
Figure 6. Off Isolation
RL
50
VO
V+
GND
V-
- 15 V
+ 15 V
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 
Off Isolation = 20 log
VOUT
VIN
VIN
Figure 7. Crosstalk
RL
50
VO
V+
GND
V-
- 15 V
+ 15 V
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50
Crosstalk = 20 log
VOUT
VIN
VIN
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com