Electronic Components Datasheet Search
  English  ▼

X  

DG508B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG508B
Description  Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508B Datasheet(HTML) 2 Page - Vishay Siliconix

  DG508B Datasheet HTML 1Page - Vishay Siliconix DG508B Datasheet HTML 2Page - Vishay Siliconix DG508B Datasheet HTML 3Page - Vishay Siliconix DG508B Datasheet HTML 4Page - Vishay Siliconix DG508B Datasheet HTML 5Page - Vishay Siliconix DG508B Datasheet HTML 6Page - Vishay Siliconix DG508B Datasheet HTML 7Page - Vishay Siliconix DG508B Datasheet HTML 8Page - Vishay Siliconix DG508B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.vishay.com
2
Document Number: 64821
S10-2817-Rev. D, 20-Dec-10
Vishay Siliconix
DG508B, DG509B
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLES AND ORDERING INFORMATION
Logic “0” = VIL 0.8 V
Logic “1” = VIH 2.0 V
X = Do not care
Notes:
a. - 40 °C to 85 °C datasheet limits apply.
miniQFN-16L
Top View
Device Marking: 6XX
Traceability Code:
6 is DG508BEN
XX = Date/Lot
DG508B
miniQFN-16L
DG509B
Top View
Device Marking: 7XX
Traceability Code:
7 is DG509BEN
XX = Date/Lot
Pin 1: LONG LEAD
13
14
15
16
8
7
6
5
12
3
4
12
11
10
9
6XX
Decoders/
Drivers
V-
S1
S2
S3
S4
S7
S8
D
A2
A1
A0
EN
S5
S6
V+
GND
Pin 1: LONG LEAD
13
14
15
16
8
7
6
5
12
3
4
12
11
10
9
7XX
Decoders/
Drivers
V-
S1A
S2A
S3A
S4A
S4B
DB
GND
A1
A0
EN
S2B
S3B
V+
DA
S1B
TRUTH TABLE (DG508B)
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
TRUTH TABLE (DG509B)
A1
A0
EN
On Switch
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
ORDERING INFORMATION (DG508B)
Temp. Range
Package
Part Number
- 40 °C to 125 °Ca
16-Pin SOIC
DG508BEY-T1-E3
16-Pin TSSOP
DG508BEQ-T1-E3
16-Pin PDIP
DG508BEJ-E3
16-Pin MiniQFN
DG508BEN-T1-GE4
ORDERING INFORMATION (DG509B)
Temp. Range
Package
Part Number
- 40 °C to 125 °Ca
16-Pin SOIC
DG509BEY-T1-E3
16-Pin TSSOP
DG509BEQ-T1-E3
16-Pin PDIP
DG509BEJ-E3
16-Pin MiniQFN
DG509BEN-T1-GE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com