Electronic Components Datasheet Search
  English  ▼

X  

DG541AP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG541AP
Description  Wideband/Video "T" Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG541AP Datasheet(HTML) 3 Page - Vishay Siliconix

  DG541AP Datasheet HTML 1Page - Vishay Siliconix DG541AP Datasheet HTML 2Page - Vishay Siliconix DG541AP Datasheet HTML 3Page - Vishay Siliconix DG541AP Datasheet HTML 4Page - Vishay Siliconix DG541AP Datasheet HTML 5Page - Vishay Siliconix DG541AP Datasheet HTML 6Page - Vishay Siliconix DG541AP Datasheet HTML 7Page - Vishay Siliconix DG541AP Datasheet HTML 8Page - Vishay Siliconix DG541AP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
www.vishay.com
3
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. All leads welded or soldered to PC Board.
b. Derate 6.5 mW/°C above 25 °C.
c. Derate 7 mW/°C above 25 °C.
d. Derate 10 mW/°C above 75 °C.
e. Derate 12 mW/°C above 75 °C.
SCHEMATIC DIAGRAM (typical channel)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
V+ to V-
- 0.3 to 21
V
V+ to GND
- 0.3 to 21
V- to GND
- 19 to + 0.3
Digital Inputs
(V-) - 0.3 to (V+) + 0.3
or 20 mA, whichever occurs first
VS, VD
(V-) - 0.3 to (V+) + 14
or 20 mA, whichever occurs first
Continuous Current (Any Terminal)
20
mA
Current, S or D (Pulsed at 1 ms, 10 % duty cycle max)
40
Storage Temperature
(AP Suffix)
- 65 to 150
°C
(DJ, DN, DY Suffixes)
- 65 to 125
Power Dissipation (Package)a
16-Pin Plastic DIPb
470
mW
20-Pin Plastic DIPc
800
16-Pin Narrow Body SOICd
640
20-Pin PLCCd
800
16-, 20-Pin Sidebraze DIPe
900
Figure 1.
V+
IN
V-
GND
-
+
S
D
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com