Electronic Components Datasheet Search
  English  ▼

X  

DG541AP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG541AP
Description  Wideband/Video "T" Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG541AP Datasheet(HTML) 4 Page - Vishay Siliconix

  DG541AP Datasheet HTML 1Page - Vishay Siliconix DG541AP Datasheet HTML 2Page - Vishay Siliconix DG541AP Datasheet HTML 3Page - Vishay Siliconix DG541AP Datasheet HTML 4Page - Vishay Siliconix DG541AP Datasheet HTML 5Page - Vishay Siliconix DG541AP Datasheet HTML 6Page - Vishay Siliconix DG541AP Datasheet HTML 7Page - Vishay Siliconix DG541AP Datasheet HTML 8Page - Vishay Siliconix DG541AP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.vishay.com
4
Document Number: 70055
S11-1429–Rev. H, 18-Jul-11
Vishay Siliconix
DG540, DG541, DG542
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Refer to PROCESS OPTION FLOWCHART .
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 3 V
VINH = 2 V, VINL = 0.8 V
f
Temp.b
Typ.c
A Suffix
- 55 °C to 125 °C
D Suffixes
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Range
VANALOG
V- = - 5 V, V+ = 12
Full
- 5
5
- 5
5
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = 0 V
Room
Full
30
60
100
60
75
RDS(on) Match
R
DS(on)
Room
2
6
6
Source Off Leakage Current
IS(off)
VS = 0 V, VD = 10 V
Room
Full
- 0.05
- 10
- 500
10
500
- 10
- 100
10
100
nA
Drain Off Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Full
- 0.05
- 10
- 500
10
500
- 10
- 100
10
100
Channel On Leakage Current
ID(on)
VS = VD = 0 V
Room
Full
- 0.05
- 10
- 1000
10
1000
- 10
- 100
10
100
Digital Control
Input Voltage High
VINH
Full
2
2
V
Input Voltage Low
VINL
Full
0.8
0.8
Input Current
IIN
VIN = GND or V+
Room
Full
0.05
- 1
- 20
1
20
- 1
- 20
1
20
µA
Dynamic Characteristics
On State Input Capacitancee
CS(on)
VS = VD = 0 V
Room
14
20
20
pF
Off State Input Capacitancee
CS(off)
VS = 0 V
Room
2
4
4
Off State Output Capacitancee
CD(off)
VD = 0 V
Room
2
4
4
Bandwidth
BW
RL = 50 , See Figure 5
Room
500
MHz
Turn-On Time
tON
RL = 1 k
CL = 35 pF
50 % to 90 %
See Figure 2
DG540
DG541
Room
Full
45
70
130
70
130
ns
DG542
Room
Full
55
100
160
100
160
Turn-Off Time
tOFF
DG540
DG541
Room
Full
20
50
85
50
85
DG542
Room
Full
25
60
85
60
85
Charge Injection
Q
CL = 1000 pF, VS = 0 V
See Figure 3
Room
- 25
pC
Off Isolation
OIRR
RIN = 75 RL = 75 
f = 5 MHz
See Figure 4
DG540
Room
- 80
dB
DG541
Room
- 60
DG542
Room
- 75
All Hostile Crosstalk
XTALK(AH)
RIN = 10 , RL = 75 
f = 5 MHz, See Figure 6
Room
- 85
Power Supplies
Positive Supply Current
I+
All Channels On or Off
Room
Full
3.5
6
9
6
9
mA
Negative Supply Current
I-
Room
Full
- 3.2
- 6
- 9
- 6
- 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com