Electronic Components Datasheet Search
  English  ▼

X  

DG721 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG721
Description  1.8 V to 5.5 V, 4ohm Dual SPST Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG721 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG721 Datasheet HTML 1Page - Vishay Siliconix DG721 Datasheet HTML 2Page - Vishay Siliconix DG721 Datasheet HTML 3Page - Vishay Siliconix DG721 Datasheet HTML 4Page - Vishay Siliconix DG721 Datasheet HTML 5Page - Vishay Siliconix DG721 Datasheet HTML 6Page - Vishay Siliconix DG721 Datasheet HTML 7Page - Vishay Siliconix DG721 Datasheet HTML 8Page - Vishay Siliconix DG721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
DG721, DG722, DG723
Document Number: 66586
S11-1474-Rev. E, 01-Aug-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.8 V to 5.5 V, 4
 Dual SPST Switches
DESCRIPTION
The DG721, DG722 and DG723 are precision dual SPST
switches designed to operate from single 1.8 V to 5.5 V
power supply with low power dissipation. The DG721,
DG722 and DG723 can switch both analog and digital
signals within the power supply rail, and conduct well in both
directions.
Fabricated with advance submicron CMOS process, these
switches provide high precision low and flat ON resistance,
low leakage current, low parasitic capacitance, and low
charge injection.
The DG721, DG722 and DG723 contain two independent
Single Pole Single Throw (SPST) switches. Switch-1 and
switch-2 are normally open for the DG721 and normally
closed for the DG722. For the DG723, switch-1 is normally
open and switch-2 is normally closed with a Break-Before-
Make switching timing.
The DG721, DG722 and DG723 are the ideal switches for
use in low voltage instruments and healthcare devices, fitting
the circuits of low voltage ADC and DAC, analog front end
gain control, and signal path control.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product with
lead (Pb)-free device termination. The TDFN8 package has
a
nickel-palladium-gold
device
termination
and
is
represented by the lead (Pb)-free “-E4” suffix to the ordering
part number. The MSOP-8 package has tin device
termination and is represented by “-E3”. Both device
terminations meet all JEDEC standards for reflow and MSL
rating.
As a further sign of Vishay Siliconix's commitment, the
DG721, DG722 and D723 are fully RoHS compliant and
Halogen-free.
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
1.8 V to 5.5 V single power supply
•
Low and flat switch on resistance, 2.5
/typ.
•
Low leakage and parasitic capacitance
•
366 MHz, - 3 dB bandwidth
•
Latch-up current > 300 mA (JESD78)
•
Space saving packages
2 mm x 2 mm TDFN8
MSOP8
•
Over voltage tolerant TTL/CMOS compatible
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Healthcare and medical devices
•
Test instruments
•
Portable meters
•
Data acquisitions
•
Control and automation
•
PDAs and modems
•
Communication systems
•
Audio, video systems
•
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG721, TDFN-8
NO1
V+
COM1
IN1
IN2
COM2
GND
NO2
1
2
3
4
8
7
6
5
Top View
ADX
NO2
COM2
IN1
V+
NO1
COM1
IN2
GND
8
7
6
5
1
2
3
4
Bottom View
Device Marking for MSOP-8: 721
DG721, MSOP-8
NO1
V+
COM1
IN1
IN2
COM2
O
N
D
N
G
2
1
2
3
4
8
7
6
5
Top View
Pin 1
Device Marking for TDFN-8: for DG721
x = Date/Lot Traceability Code


Similar Part No. - DG721

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
DG721DN-T1-GE4 VISHAY-DG721DN-T1-GE4 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
DG721DQ-T1-GE3 VISHAY-DG721DQ-T1-GE3 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results

Similar Description - DG721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG821 AD-ADG821 Datasheet
333Kb / 12P
<1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV.0
logo
Vishay Siliconix
DG2537 VISHAY-DG2537 Datasheet
156Kb / 9P
4ohm Dual SPST Switches
01-Aug-11
DG3537 VISHAY-DG3537_11 Datasheet
113Kb / 10P
4ohm, 360 MHz, Dual SPST Analog Switches
28-Feb-11
logo
Analog Devices
ADG801BRMZ AD-ADG801BRMZ Datasheet
298Kb / 16P
<0.4 廓 CMOS 1.8 V to 5.5 V SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
1.65 V to 2.75 V, SPST Switches
REV. B
logo
Vishay Siliconix
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
1.8 V to 5.5 V, 4 Ω Dual SPST Switches
12-Sep-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com