Electronic Components Datasheet Search
  English  ▼

X  

DG721 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG721
Description  1.8 V to 5.5 V, 4ohm Dual SPST Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG721 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG721 Datasheet HTML 1Page - Vishay Siliconix DG721 Datasheet HTML 2Page - Vishay Siliconix DG721 Datasheet HTML 3Page - Vishay Siliconix DG721 Datasheet HTML 4Page - Vishay Siliconix DG721 Datasheet HTML 5Page - Vishay Siliconix DG721 Datasheet HTML 6Page - Vishay Siliconix DG721 Datasheet HTML 7Page - Vishay Siliconix DG721 Datasheet HTML 8Page - Vishay Siliconix DG721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 66586
S11-1474-Rev. E, 01-Aug-11
www.vishay.com
3
Vishay Siliconix
DG721, DG722, DG723
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (V+ = 3 V)
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %, VIN = 0.4 or 1.5 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
On-Resistance
RON
V+ = 2.7 V, VCOM = 0 V to V+, INO, INC = - 10 mA
Room
Full
6.5
10
RON Flatness
d
RON
Flatness
V+ = 2.7 V, VCOM = 1.1 V to 1.6 V,
INO, INC = - 10 mA
Room
0.4
RON Match
d
RON
Match
V+ = 2.7 V, VD = 1.1 V to 1.6 V, ID = - 10 mA
Room
Full
0.3
0.9
Switch Off Leakage Current
INO(off)
INC(off)
V+ = 3.3 V
VNO, VNC = 1 V/3 V, VCOM = 3 V/1 V
Room
Full
- 0.25
- 0.35
0.25
0.35
nA
ICOM(off)
Room
Full
- 0.25
- 0.35
0.25
0.35
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO, VNC = VCOM = 1 V/3 V
Room
Full
- 0.25
- 0.35
0.25
0.35
Digital Control
Input High Voltage
VINH
Full
2
V
Input Low Voltage
VINL
Full
0.4
Input Capacitanced
Cin
f = 1 MHz
Full
2.4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 2 V, RL = 300 , CL = 35 pF
figures 1 and 2
Room
Full
16
55
ns
Turn-Off Time
tOFF
Room
Full
7
40
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, RGEN = 0 , figure 3
Room
1.8
pC
Bandwidthd
BW
V+ = 3 V, RL = 50 , CL = 5 pF, - 3dB
Room
319
MHz
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 1 MHz
Room
- 67
dB
Crosstalkd
XTALK
Room
- 92
Off-Isolationd
OIRR
RL = 50 , CL = 5 pF, f = 10 MHz
Room
- 47
Crosstalkd
XTALK
Room
- 90
Source-Off Capacitanced
CNC/NO(off)
VIN = 0 or V+, f = 1 MHz
Room
8
pF
Drain-Off Capacitanced
CCOM(off)
Room
9
Channel-On Capacitanced
CON
Room
22
Power Supply
Power Supply Current
I+
VIN = 0 or V+, V+ = 3.3 V
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com