Electronic Components Datasheet Search
  English  ▼

X  

HT82B60R Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT82B60R
Description  I/O MCU with USB Interface
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B60R Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT82B60R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 17Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 18Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
HT82B60R
Rev. 1.10
15
February 1, 2011
will in fact only read the status of the output data latch
and not the actual logic status of the output pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· External Interrupt Input
The external interrupt pin, INT is pin-shared with the
I/O pin PB5. For applications not requiring an external
interrupt input, the pin-shared external interrupt pin
can be used as a normal I/O pin, however to do this,
the external interrupt enable bit in the INTC1 register
must be disabled.
· External Timer0 Clock Input
The external timer pin TMR0 is pin-shared with the I/O
pin PA6. To configure this pin to operate as timer input,
the corresponding control bits in the timer control reg-
ister must be correctly set. For applications that do not
require an external timer input, this pin can be used as
a normal I/O pin. Note that if used as a normal I/O pin
the timer mode control bits in the timer control register
must select the timer mode, which has an internal
clock source, to prevent the input pin from interfering
with the timer operation.
· External Timer1 Clock Input
The external timer pin TMR1 is pin-shared with the I/O
pin PA7. To configure this pin to operate as timer input,
the corresponding control bits in the timer control reg-
ister must be correctly set. For applications that do not
require an external timer input, this pin can be used as
a normal I/O pin. Note that if used as a normal I/O pin
the timer mode control bits in the timer control register
must select the timer mode, which has an internal
clock source, to prevent the input pin from interfering
with the timer operation.
External Interrupt Input
The external interrupt pin INT is pin-shared with the I/O
pin PB5. For applications not requiring an external inter-
rupt input, the pin-shared external interrupt pin can be
used as a normal I/O pin, however to do this, the exter-
nal interrupt enable bits in the INTC1 register must be
disabled.
COM Driver Pins
Pins PC0~PC3 on Port C can be used as LCD COM
driver pins. This function is controlled using the LCDC
register which will generate the necessary 1/2 bias sig-
nals on these four pins.
Serial Interface Module
The device pins, PB0~PB3, are pin-shared with pins
SDA, SCL, SCS, SCK, SDI, SDO. The choice of which
function is used is selected using the SIMCTL0 register.
I/O Pin Structures
The diagram illustrates a generic I/O pin internal struc-
tures. As the exact logical construction of the I/O pin will
differ and as the pin-shared structures are not illustrated
this diagram is supplied as a guide only to assist with the
functional understanding of the I/O pins.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, all of the data and
port control register will be set high. This means that all
I/O pins will default to an input state, the level of which
depends on the other connected circuitry and whether
pull-high options have been selected. If the PAC, PBC,
V D D / V 3 3 O ( P B )
M
U
X
W a k e - u p O p t i o n
S y s t e m W a k e - u p
R e a d D a t a R e g i s t e r
D
Q
C K
S
D
Q
C K
S
C o n t r o l B i t
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
I / O p i n
Q
Q
W e a k
P u l l - u p
P u l l - H i g h
O p t i o n
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com