Electronic Components Datasheet Search
  English  ▼

X  

HT82B60R Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT82B60R
Description  I/O MCU with USB Interface
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B60R Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT82B60R Datasheet HTML 28Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 29Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 30Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 35Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
HT82B60R
Rev. 1.10
32
February 1, 2011
The USR (USB endpoint interrupt status register) register is used to indicate which endpoint is accessed and to select
the serial bus, PS2 or USB. The endpoint request flags, EP0IF, EP1IF, EP2IF and EP3IF, are used to indicate which
endpoints are accessed. If an endpoint is accessed, the related endpoint request flag will be set to
²1² and the USB in-
terrupt will occur, if the USB interrupt is enabled and the stack is not full. When the active endpoint request flag is
served, the endpoint request flag has to be cleared to
²0².
Bit No.
Label
R/W
Function
0
EP0_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 0 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
1
EP1_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 1 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
2
EP2_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 2 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
3
EP3_INT
R/W
When this bit is set to
²1² (set by the SIE), it indicates that endpoint 3 is accessed
and a USB interrupt will occur. When the interrupt has been served, this bit should
be cleared by firmware.
4
5
MODE_CTRL0
MODE_CTRL1
R/W
00 : Non-USB mode, turn-off V33O, both USBPDP and USBPDN can be read and
write - default
01 : Non-USB mode, has 200
W between VDD and V33O, both USBPDP and
USBPDN can be read and write
10 : USB mode, 1.5k
W between USBPDN and V33O, V33O output 3.3V,
both USBPDP and USBPDN are read only
11 : Non-USB mode, V33O output 3.3V, both USBPDP and USBPDN can be read
and write
6
¾¾ Reserved
7
USB_flag
R/W
This flag is used to indicate that the
MCUis in the USB mode - Bit=1
This bit is R/W by FW and will be cleared to
²0² after power-on reset - Default=²0²
USR (21H) Register
There is a system clock control register implemented to select the clock used in the MCU. This register consists of the
USB clock control bit, USBCKEN, and a system clock selection bit, SYSCLK. The PS2 mode indicate bit, PS2_flag,
and a system clock adjust control bit, CLK_adj.
Bit No.
Label
R/W
Function
0
¾¾
Reserved bit - read as
²0²
1
¾¾
Reserved bit - read as
²0²
2
D_SR
R/W
When set to
²1², a 7.5kW resistor will be connected between VDD and USBPDN, and
the 1.5k
W between USBPDN and V33O will be removed, default value is ²0².
3
USBCKEN R/W
USB clock control bit. When this bit is set to
²1², it indicates that the USB clock is en-
abled. Otherwise, the USB clock is turned-off (default
²0²).
4
BGOFF
R/W When set to
²1², the Band-gap circuit will be switched off. Default value is ²0².
5
PS2_flag
R/W
This flag is used to indicate that the
MCUis in the PS2 mode (Bit=1).
This bit is R/W by FW and will be cleared to
²0² after power-on reset (default ²0²).
6
SYSCLK
R/W
This bit is used to specify the system oscillator frequency used by the MCU. If an Inte-
grated 6MHz oscillator is used, this bit should be set to
²1². If an Integrated 12MHz os-
cillator is used, this bit should be cleared to
²0² (default).
7
CLK_adj
R/W
This bit is used to adjust the system clock for the USB mode for temperature changes.
In the Power-down Mode this bit should be set high to reduce power consumption.
0: enable (default)
1: disable
SCC (22H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com