Electronic Components Datasheet Search
  English  ▼

X  

DG2001 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG2001
Description  Low-Voltage Single SPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2001 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG2001 Datasheet HTML 1Page - Vishay Siliconix DG2001 Datasheet HTML 2Page - Vishay Siliconix DG2001 Datasheet HTML 3Page - Vishay Siliconix DG2001 Datasheet HTML 4Page - Vishay Siliconix DG2001 Datasheet HTML 5Page - Vishay Siliconix DG2001 Datasheet HTML 6Page - Vishay Siliconix DG2001 Datasheet HTML 7Page - Vishay Siliconix DG2001 Datasheet HTML 8Page - Vishay Siliconix DG2001 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 71398
S11-1185–Rev. C, 13-Jun-11
www.vishay.com
5
Vishay Siliconix
DG2001
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
Supply Current vs. Temperature
Leakage Current vs. Temperature
0
1
2
3
4
5
6
7
8
9
0
1234
5
VCOM – Analog Voltage (V)
V+ = 2 V
V+ = 3 V
V+ = 5 V
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
V+ = 5 V
VIN = 0 V
0.001
0.01
0.1
1
10
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
V+ = 5.5 V
1
10
100
1000
10 000
ICOM(off)
ION(off)/INC(off)
ICOM(on)
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
Leakage vs. Analog Voltage
3
4
5
6
7
8
9
10
11
12
13
0
1234
5
VCOM – Analog Voltage (V)
V+ = 2 V
40 °C
85 °C
V+ = 5 V
85 °C
25 °C
-
- 40 °C
25 °C
Input Switching Frequency (Hz)
1
10
100
1 k
10 k
100 k
1 M
10 M
0.1 µA
1 µA
10 µA
100 µA
1 mA
10 mA
- 500
- 400
- 300
- 200
- 100
0
100
200
0
1234
5
VCOM, VNO, VNC, – Analog Voltage (V)
V+ = 5 V
ICOM(off)
ION(off)/INC(off)
ICOM(on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com