Electronic Components Datasheet Search
  English  ▼

X  

DG2001 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2001
Description  Low-Voltage Single SPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2001 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2001 Datasheet HTML 1Page - Vishay Siliconix DG2001 Datasheet HTML 2Page - Vishay Siliconix DG2001 Datasheet HTML 3Page - Vishay Siliconix DG2001 Datasheet HTML 4Page - Vishay Siliconix DG2001 Datasheet HTML 5Page - Vishay Siliconix DG2001 Datasheet HTML 6Page - Vishay Siliconix DG2001 Datasheet HTML 7Page - Vishay Siliconix DG2001 Datasheet HTML 8Page - Vishay Siliconix DG2001 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
DG2001
Document Number: 71398
S11-1185–Rev. C, 13-Jun-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low-Voltage Single SPDT Analog Switch
DESCRIPTION
The DG2001 is a single-pole/double-throw monolithic CMOS
analog switch designed for high performance switching of
analog signals. Combining low power, high speed, low
on-resistance and small physical size, the DG2001 is ideal
for portable and battery powered applications requiring high
performance and efficient use of board space.
The DG2001 is built on Vishay Siliconix’s low voltage JI2
process. The DG2001 has a minimum 2000 V, ESD
protection, per Method 3015.7. An epitaxial layer prevents
latchup. Break-before-make is guaranteed.
The switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
FEATURES
•
Halogen-free according to IEC 61249-2-21
Definition
•
Low Voltage Operation (1.8 V to 5.5 V)
•
Low On-Resistance - RON: 3 
•
Fast Switching - tON: 20 ns, tOFF: 10 ns
•
Low Leakage - ICOM: 0.2 nA
•
Low Charge Injection - QINJ: 5 pC
•
Low Power Consumption
•
TTL/CMOS Compatible
•
ESD Protection > 2000 V (Method 3015.7)
•
TSOP-6 Package
•
Compliant to RoHS Directive 2002/95/EC
BENEFITS
•
Reduced Power Consumption
•
Simple Logic Interface
•
High Accuracy
•
Reduce Board Space
APPLICATIONS
•
Cellular Phones
•
Communication Systems
•
Portable Test Equipment
•
Battery Operated Systems
•
Sample and Hold Circuits
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
NO (Source1)
COM
NC (Source2)
1
2
3
6
5
Top View
IN
V+
GND
4
TSOP-6
TRUTH TABLE
Logic
NC
NO
0ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 °C to 85 °C
TSOP-6
DG2001DV-T1
DG2001DV-T1-E3


Similar Part No. - DG2001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2001E VISHAY-DG2001E Datasheet
216Kb / 12P
Powered-off Protection, 0.85 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
More results

Similar Description - DG2001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2002 VISHAY-DG2002 Datasheet
136Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com