Electronic Components Datasheet Search
  English  ▼

X  

LC01707PLF Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC01707PLF
Description  FM multiple tuner IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01707PLF Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC01707PLF Datasheet HTML 1Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 2Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 3Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 4Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 5Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 6Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 7Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 8Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
O1911 SY/81011 SY 20110210-S00002 No.A1928-1/18
LC01707PLF
Overview
LC01707PLF is a vehicle-mounted FM multiple tuner IC with FM-FE, IF, IF-Filter, PLL, FM-DEMO and LPF
incorporated. An FM multiple tuner can be developed with this one chip. It makes up a small-sized FM multiple tuners
which can be mounted on PND.
Functions
• It is the FM tuner IC exclusively for the FM multiple.
• LNA is incorporated
• Image reduction complex BPF is incorporated
• Wide / Narrow Band RF AGC is incorporated
• Narrow Band IF AGC is incorporated
• Image rejection is adopted
• DLL detection method is adopted for the FM detection circuit, and it is not necessary to adjust.
• LPF for the carrier removal is incorporated.
• IC requires fewer external components.
• It is a BUS control tuner IC which can be controlled by controlled by I2C BUS.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD max
4.3
V
Maximum input voltage
VDD H
4.3
V
Maximum output voltage
VDD L
4.3
V
Power dissipation
Pd max
Ta = 85
°C *1
700
mW
Operating ambient
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 150
°C
Maximum junction temperature
Tj max
150
°C
*1: Board size: 80mm
× 70mm × 1.6mm Glass epoxy double-sided board
CMOS LSI
FM multiple tuner IC
Ordering number : ENA1928A


Similar Part No. - LC01707PLF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
FM multiple tuner IC
May, 2013
More results

Similar Description - LC01707PLF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8122AN TOSHIBA-TA8122AN Datasheet
524Kb / 17P
3V AV/FM 1CHIP TUNER IC
TA8127N TOSHIBA-TA8127N Datasheet
499Kb / 16P
3V AM/FM 1CHIP TUNER IC
TA8167N TOSHIBA-TA8167N Datasheet
468Kb / 14P
3V AM/FM 1CHP TUNER IC
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
AM/FM 1CHIP TUNER SYSTEM IC
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
3V AM/FM ONE CHIP TUNER IC
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
AM/FM 1 CHIP TUNER IC
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
3V AM / FM 1 CHIP TUNER IC
logo
ON Semiconductor
LA1837M ONSEMI-LA1837M Datasheet
463Kb / 9P
Single-Chip AM/FM Tuner IC
May, 2013
LC01707PLF ONSEMI-LC01707PLF Datasheet
207Kb / 18P
FM multiple tuner IC
May, 2013
logo
List of Unclassifed Man...
RTC6218 ETC1-RTC6218 Datasheet
420Kb / 20P
FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com