Electronic Components Datasheet Search
  English  ▼

X  

LC01707PLF Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC01707PLF
Description  FM multiple tuner IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC01707PLF Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC01707PLF Datasheet HTML 1Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 2Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 3Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 4Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 5Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 6Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 7Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 8Page - Sanyo Semicon Device LC01707PLF Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LC01707PLF
No.A1928-3/18
Example of applied circuit (constant is tentative)
* Culprits oscillation circuit is used in this IC as a crystal oscillation circuit. Caution is required for layout of the board
because oscillation between pin25 and power source and GND line.
* The margin of crystal oscillation changes due to the combination of the IC, a crystal oscillator and a board layout. This
independent IC does not quarantine the oscillation operation.
* This IC uses the signal of FM band frequency (VCO divided into 1/4) which leaks into ANT pin. If the VCO leakage
affects the performance of the system, make sure to connect an isolator on ANT pin path.
Component
Parameter
Value
Type
Supplier
L1/L2
Local OSC coil
2.7nH
C2012H-2N7D-RD
SAGAMI
L3
Differential input coil
120nH
C2012H-R12G-RC
SAGAMI
X1
Crystal
7.2MHz
SMD-49
KDS
AT-49
KDS
EXS00A-A01145
NDK
EXS00A-A01146
NDK
NAGC
LIM
DEMO
Freq.Count
+
-
LPF
N_AGC
W_AGC
MIX I
MIX Q
injection
DIV
IF
AGC
IF
AGC
LNA
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
C BANK
MIX I
MIX Q
DIV
BPF
I/F
LOCK
DET
PD CP
REF
COUNT
PROG
COUNT
X_TAL
Freq.Count
1.8MHz
f0:600kHz
f0:1.2MHz
0.22 F
WAGC
10nF
VSS
NC
NC
VDD
0.022 F
0.68 F
22 F
VDD
VSS
27pF
47pF
LNA_P
LNA_N
120nH
100pF
NC
NC
VSS
DEVAR
XTAL
SD
NC
NC
NC
INT
SCL
SDA
VDD
7.2MHz
18pF
COM
0.022 F
Decoder
Complex
BPF
Complex
BPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com