Electronic Components Datasheet Search
  English  ▼

X  

LE24L322CS Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LE24L322CS
Description  Two Wire Serial Interface EEPROM (32k EEPROM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L322CS Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LE24L322CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 9Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 10Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LE24L322CS
No.A1449-7/11
6-3. Acknowledge polling
Acknowledge polling is used to find out when the EEPROM internal write operation is completed. When the stop
condition is received and the EEPROM starts rewriting, all operations are prohibited, and no response can be given to
the signals sent by the master device. Therefore, in order to find out when the EEPROM internal write operation is
completed, the start condition, device address and write command code are sent from the master device to the
EEPROM (slave device), and the response of the slave device is detected.
In other words, if the slave device does not send the acknowledge signal, it means that the internal write operation is
in progress; conversely, if it does send the acknowledge signal, it means that the internal write operation has been
completed.
When codes are sent by the master device during acknowledge polling, if a write or random read is to be performed
next, the write command "0" is executed. If a current read or sequential read is to be performed next, the read
command "1" is executed. After the write command "0" is executed and ACK="L" is confirmed, the start
condition/stop condition is entered to cancel the command and change to standby mode.
7 EEPROM read operations
7-1. Current address reading
The address equivalent to the memory address accessed last +1 is held as the internal address of the EEPROM for
both write* and read operations. Therefore, provided that the master device has recognized the position of the
EEPROM address pointer, data can be read from the memory address with the current address pointer without
specifying the word address.
As with writing, current address reading involves receiving the 7-bit device address and read command code “1”
following the start condition, at which time the EEPROM generates an acknowledge signal. After this, the 8-bit data
of the (n+1) address is output serially starting with the highest bits. After the 8 bits have been output, by not sending
an acknowledge signal and inputting the stop condition, the EEPROM completes the read operation and is set to
standby mode.
If the previous read address is the last address, the address for the current address reading is rolled over to become
address 0.
*: If the write data is 1 or more bytes but less than 16 bytes, the current address after page writing is the address
equivalent to the number of bytes to be written in the specified word address +1. If the write data is 16 or more bytes,
it is the designated word address. If the last address (A3-A0=1111b) on the page has been designated by byte write as
the word address, the first address (A3-A0=0000b) on the page serves as the internal address after writing.
0
1
0
1
W
NO ACK
SDA
• • • • •
0
10
1
NO ACK
0
1
0
1
ACK
R/W
S1
S2
S0
S1
S2
S0
S1
S2
S0
WW
R/W
R/W
During Write
End of Write
During Write
Device Address
0
1
0
1
R
ACK
NO ACK
SDA
D7 D6 D5 D4 D3 D2 D1 D0
Data(n+1)
R/W
S1
S2
S0
SDA
Word Address(n)
Data(n)
0
1
0
S1
1
W
ACK
**
*
A
11
A
10
A9 A8
D7 D6 D5 D4 D3 D2 D1 D0
ACK
ACK
R/W
S2
S0
*
ACK
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6
- D1 D0
D7 D6
- D1 D0
D7 D6
- D1 D0
D7 D6
- D1 D0
ACK
ACK
ACK
• • • • •
Data(n+x)
*: don’t care
Data(n+1)
ACK
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com