Electronic Components Datasheet Search
  English  ▼

X  

LE24L322CS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LE24L322CS
Description  Two Wire Serial Interface EEPROM (32k EEPROM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L322CS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LE24L322CS Datasheet HTML 1Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 2Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L322CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LE24L322CS
Bus Timing
tBUF
tSU.STO
tR
SCL
SDA/IN
SDA/OUT
tSU.STA
tHD.DAT
tHIGH
tLOW
tSU.DAT
tDH
tAA
tF
tHD.STA
tSP
tSP
Write Timing
tWC
SCL
SDA
D0
Write Data
Acknowledge
Stop
condition
Start
condition
Pin Functions
SCL (serial clock input) pin
The SCL pin is a serial clock input pin that processes signals at the rising and falling edges of SCL clock signals.
SDA (serial data input/output) pin
The SDA pin is used to transfer serial data to the input/output, and it consists of a signal input pin and n-channel
transistor open drain output pin.
Like the SCL pin, the SDA pin must be pulled up by a resistor to the VDD level and wired-ORed with an open drain
(or open collector) output device for use.
WP (write protect) pin
When the WP pin is high, write protection is enabled, and writing into the 32k bit memory areas is prohibited. When
the pin is low, writing is possible to all memory areas. Read operations can be performed regardless of the WP pin
status.
No.A1449-4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com