Electronic Components Datasheet Search
  English  ▼

X  

LE25LB643 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LE25LB643 Datasheet HTML 5Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 10Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 11Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 12Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LE25LB643
No.NA1342-9/14
2-2. Status Register Write (WRSR)
The information in status registers BP0, BP1, and SRWP can be rewritten using the status register write command.
RDY, WEN, bit4, bit5, and bit6 are read-only bits and cannot be rewritten. The information in bits BP0, BP1, and
SRWP is stored in the non-volatile memory, and when it is written in these bits, the contents are retained even at
power-down.
“Figure 6 Status Register Write” shows the timing waveforms of status register write, and Figure 11 shows a status
register write flowchart. Consisting of the first and second bus cycles, the status register write command initiates the
internal write operation at the rising CS edge after the data has been input following (01h). By the operation of this
command, the information in bits BP0, BP1, and SRWP can be rewritten. Since bits RDY (bit0), WEN (bit1), bit4, bit5,
and bit6 of the status register cannot be written, no problem will arise if an attempt is made to set them to any value
when rewriting the status register. Status register write ends can be detected by RDY of status register read. Information
in the status register can be rewritten 1,000 times (min.). To initiate status register write, the logic level of the WP pin
must be set high and the status register WEN must be set to “1”.
Figure 6 Status Register Write
01
2 3 4 5 6
7 8
15
Mode3
tWPS
8CLK
Hight Impedance
DATA
tWPH
Self-timed
Write Cycle
tSRW
01h
Mode0
CS
WP
SCK
SI
SO
(00000001)
2-3. Contents of Each Status Register
RDY (bit0)
Ready/Busy detection
The RDY register is for detecting the write end. When it is “1”, the device is in a busy state, and when it is “0”, it means
that the write operation is completed.
WEN (bit1)
Write enable
The WEN register is for detecting whether the device can perform write operations. If it is set to “0”, the device will not
perform the write operation even if the write command is input. If it is set to “1”, the device can perform write operation
in any area that is not block-protected.
WEN can be controlled using the write enable and write disable commands. By inputting the write enable command
(06h), WEN can be set to “1”, and by inputting the write disable command (04h), it can be set to “0”. In the following
states, WEN is automatically set to “0” in order to protect against unintentional writing.
• At power-on
• Upon completion of write
• Upon completion of status register write
∗ If a write operation has not been performed inside the device because, for instance, the command input for any of the
write operations has failed or a write operation has been performed for a protected address, WEN will retain the status
established prior to the issue of the command concerned. Furthermore, its state will not be changed by a read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com