Electronic Components Datasheet Search
  English  ▼

X  

LE25LB643 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LE25LB643
Description  Serial SPI EEPROM (SPI Bus) (64Kbit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LB643 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LE25LB643 Datasheet HTML 6Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 7Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 8Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 9Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 10Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 11Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 12Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 13Page - Sanyo Semicon Device LE25LB643 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LE25LB643
No.NA1342-11/14
5. Write (WRITE)
The LE25LB643 enables pages with up to 32bytes to be written. Any number of bytes from 1 to 32bytes can be written
within the same sector page (page addresses : A15 to A5). “Figure 9 Write” shows the write timing waveforms, and
Figure 12 shows a write flowchart. After the falling CS edge, the command (02H) is input followed by the 16-bit
addresses (Add). The write data is then loaded until the rising CS edge, and the internal addresses (A4 to A0) are
incremented (Add+1) every time the data is loaded in 1-byte increments. The data loading continues until the rising CS
edge. If the data loaded has exceeded 32bytes, the 32bytes loaded last are written. The write data must be loaded in
1-byte increments, and the write operation is not performed at the rising CS edge occurring at any other timing. The
write time is 10ms (max.) when 32bytes (1page) are written at one time.
Figure 9 Write
• Addresses A15 - A13 are “don’t care.”
6. Hold Function
Using HOLD pin, the hold function suspends serial communication (it places it in the hold status). “Figure 10 HOLD”
shows the timing waveforms. The device is placed in the hold status at the falling HOLD edge while the logic level of
SCK is low, and it exits from the hold status at the rising HOLD edge. When the logic level of SCK is high, HOLD must
not rise or fall. The hold function takes effect when the logic of CS is low, and the hold status is exited and serial
communication is reset at the rising CS edge. In the hold status, the SO output is in the high-impedance state, and SI
and SCK are “don’t care.”
Figure 10 HOLD
CS
HOLD
SCK
SO
Active
Active
HOLD
tHS
tHS
tHH
tHLZ
tHH
tHHZ
High Impedance
CS
SCK
SI
SO
8CLK
High Impedance
Mode3
Mode0
0123
456
78
15 16
23 24
31 32
39 40
47
279
Self-timed
Write Cycle
tWC
02h
Add.
Add.
PD
PD
PD
PD
(00000010)
(A15-A8)
(A7-A0)
(N)
(N+1)
(N+2)
(N+31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com