Electronic Components Datasheet Search
  English  ▼

X  

LV8071LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV8071LP
Description  Piezoelectric Actuator Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8071LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV8071LP Datasheet HTML 1Page - Sanyo Semicon Device LV8071LP Datasheet HTML 2Page - Sanyo Semicon Device LV8071LP Datasheet HTML 3Page - Sanyo Semicon Device LV8071LP Datasheet HTML 4Page - Sanyo Semicon Device LV8071LP Datasheet HTML 5Page - Sanyo Semicon Device LV8071LP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D1907 TI IM 20060124-S00004 No.A0991-1/6
LV8071LP
Overview
The LV8071LP is a piezoelectric autofocus actuator driver IC for use in cell phone cameras. It internally generates drive
waveforms, which reduces DSP load and makes it possible to control piezoelectric actuators by simple control signals.
Features
The actuator using the piezoelectric device is driven by the external CLK input and simple control signal.
• The 39MHz (CLK1 pin input) CLK input is divided into quarters internally to generate the 9.75MHz input.
The operation time is generated using this as a base CLK to ensure the output appropriate for piezoelectric drive.
The CLK2 input of 9.75MHz is input to be used, as it is, for the base CLK either.
• IC start/stop is controlled by the EN input. Initialization is made according to the built-in sequence at startup.
• The actuator drive time is determined by inputting the pulse to the DRIVE pin.
• To recognize operation/stop of the actuator, the BUSY signal is output while the OUT pin performs any output.
Specifications
Maximum Ratings at Ta = 25
°C, GND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
-0.5 to 6.0
V
Output current
IO max
300
mA
Input signal voltage
VIN max
-0.5 to VCC+0.5
V
Allowable loss
Pd
Mounted on a specified board*
700
mW
Operating temperature range
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Note *: Mounted on a specified board: 40.0mm
×50.0mm×0.8mm, glass epoxy board
Ordering number : ENA0991
Bi-CMOS IC
Piezoelectric Actuator Driver IC
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LV8071LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8075LP SANYO-LV8075LP Datasheet
64Kb / 4P
Bi-CMOS LSI Constant-voltage Control 1-channel Forward/Reverse Motor Driver
LV8075LP SANYO-LV8075LP Datasheet
118Kb / 4P
Constant-voltage Control 1-channel Forward/Reverse Motor Driver
LV8075LP SANYO-LV8075LP Datasheet
109Kb / 4P
Constant-voltage Control 1-channel Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8075LP ONSEMI-LV8075LP Datasheet
62Kb / 4P
Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
LV8075LP-E ONSEMI-LV8075LP-E Datasheet
62Kb / 4P
Constant-voltage Control 1-channel Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - LV8071LP

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
ZAM161KA001 THINKING-ZAM161KA001 Datasheet
98Kb / 2P
Piezoelectric Multi-Layer Actuator
logo
Sanyo Semicon Device
LC08101CT SANYO-LC08101CT Datasheet
320Kb / 20P
Shaft Slide Actuator Driver IC
LV8094CT SANYO-LV8094CT Datasheet
586Kb / 15P
Piezo Actuator Driver IC
LV8491CT SANYO-LV8491CT Datasheet
422Kb / 20P
Piezo Actuator Driver IC
logo
List of Unclassifed Man...
QP10N ETC2-QP10N Datasheet
619Kb / 13P
Dual functionality: piezoelectric actuator & sensor
logo
ON Semiconductor
LV8094CT ONSEMI-LV8094CT Datasheet
383Kb / 15P
Piezo Actuator Driver IC
June, 2013
LV8491CT ONSEMI-LV8491CT Datasheet
139Kb / 20P
Piezo Actuator Driver IC
June, 2013
logo
Texas Instruments
LM4960 TI1-LM4960 Datasheet
783Kb / 20P
Piezoelectric Speaker Driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
Piezoelectric Actuator Driver
logo
ON Semiconductor
FAN8831 ONSEMI-FAN8831 Datasheet
369Kb / 12P
Sinusoidal Piezoelectric Actuator Driver Step-Up DC-DC Converter
December 2014 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com