Electronic Components Datasheet Search
  English  ▼

X  

LV8071LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8071LP
Description  Piezoelectric Actuator Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8071LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8071LP Datasheet HTML 1Page - Sanyo Semicon Device LV8071LP Datasheet HTML 2Page - Sanyo Semicon Device LV8071LP Datasheet HTML 3Page - Sanyo Semicon Device LV8071LP Datasheet HTML 4Page - Sanyo Semicon Device LV8071LP Datasheet HTML 5Page - Sanyo Semicon Device LV8071LP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV8071LP
No.A0991-2/6
Allowable Operating Condtions at GND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 3.3
V
Input signal voltage
VIN
0 to VCC
V
Input CLK1 frequency
FCLK1
CLK1 pin
39
MHz
Input CLK2 frequency
FCLK2
CLK2 pin
9.75
MHz
DRIVE “H” minimum pulse width
DH min
1clk=1/4CLK1=CLK2
96
clk
DRIVE “L” minimum pulse width
DL min
1clk=1/4CLK1=CLK2
96
clk
Maximum operation cycle frequency
Ct max
1 cycle = 87clk
140 cycles
× 170
times
Electrical Characteristics at Ta = 25
°C, VCC = 2.8V, GND=0V, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain at standby 0
ICC0
No CLK input
1.0
μA
Current drain during operation
ICC1
At CLK1=39MHz
0.4
0.7
mA
“H” level input voltage
VIH
2.5V
≤ VCC ≤ 5.5V
0.8
× VCC
VCC
V
“L” level input voltage
VIL
2.5V
≤ VCC ≤ 5.5V
0
0.1
× VCC
V
Output block upper-side ON resistance
RonP
1.0
1.5
Ω
Output block lower-side ON resistance
RonN
1.0
1.5
Ω
Turn-ON time
TPLH
at no load *
0.2
μs
Turn-OFF time
TPHL
at no load *
0.2
μs
Note: The time for 10
→90% at rise and 90→10% at fall is specified.
Package Dimensions
unit : mm (typ)
3318
2.6
0.25
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
TOP VIEW
LASER MARKED
INDEX
0.5
(0.55)
(C0.116)
(0.125)
1
2
SANYO : VCT16(2.6X2.6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com