Electronic Components Datasheet Search
  English  ▼

X  

LV51135T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV51135T
Description  2-Cell Lithium-Ion Secondary Battery Protection IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV51135T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV51135T Datasheet HTML 1Page - Sanyo Semicon Device LV51135T Datasheet HTML 2Page - Sanyo Semicon Device LV51135T Datasheet HTML 3Page - Sanyo Semicon Device LV51135T Datasheet HTML 4Page - Sanyo Semicon Device LV51135T Datasheet HTML 5Page - Sanyo Semicon Device LV51135T Datasheet HTML 6Page - Sanyo Semicon Device LV51135T Datasheet HTML 7Page - Sanyo Semicon Device LV51135T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
81011HKPC/71608MS 20080603-S00001 No.A1265-1/8
LV51135T
Overview
The LV51135T is a protection IC for 2-cell lithium-ion secondary batteries.
Features
• Monitoring function for each cell:
Detects overcharge and over-discharge conditions and controls the
charging and discharging operation of each cell.
• High detection voltage accuracy:
Over-charge detection accuracy
±25mV
Over-discharge detection accuracy ±100mV
• Hysteresis cancel function:
The hysteresis of over-discharge detection voltage is cancelled by
connection of a load after overcharging has been detected.
• Discharge current monitoring function:
Detects over-currents, load shorting, and excessively high voltage of a
charger.
• Low current consumption:
Normal operation mode typ. 6.0
μA
Stand by mode
max. 0.2
μA
• 0V cell charging function:
Charging is enabled even when the cell voltage is 0V by giving a
voltage between the VDD pin and V- pin.
Ordering number : ENA1265A
CMOS IC
2-Cell Lithium-Ion Secondary Battery
Protection IC


Similar Part No. - LV51135T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51135T SANYO-LV51135T Datasheet
171Kb / 8P
CMOS IC 2-Cell Lithium-Ion Secondary Battery Protection IC
More results

Similar Description - LV51135T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV51130T SANYO-LV51130T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51131T SANYO-LV51131T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51132T SANYO-LV51132T Datasheet
155Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51133T SANYO-LV51133T Datasheet
154Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51134T SANYO-LV51134T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51136T SANYO-LV51136T Datasheet
154Kb / 9P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51137T SANYO-LV51137T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51138T SANYO-LV51138T_11 Datasheet
188Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
LV51139T SANYO-LV51139T Datasheet
224Kb / 7P
2-Cell Lithium-Ion Secondary Battery Protection IC
logo
ON Semiconductor
LV51130T ONSEMI-LV51130T Datasheet
172Kb / 8P
2-Cell Lithium-Ion Secondary Battery Protection IC
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com