Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GF1J
Description  Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1J Datasheet(HTML) 1 Page - Vishay Siliconix

  GF1J Datasheet HTML 1Page - Vishay Siliconix GF1J Datasheet HTML 2Page - Vishay Siliconix GF1J Datasheet HTML 3Page - Vishay Siliconix GF1J Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 88617
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Glass Passivated Rectifier
GF1A thru GF1M
Vishay General Semiconductor
FEATURES
• Superectifier structure for high reliability condition
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum peak of
250 °C
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for consumer,
automotive and telecommunication.
MECHANICAL DATA
Case: DO-214BA, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM
30 A
VF
1.1 V, 1.2 V
IR
5.0 μA
TJ max.
175 °C
DO-214BA (GF1)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GF1A
GF1B
GF1D
GF1G
GF1J
GF1K
GF1M
UNIT
Device marking code
GA
GB
GD
GG
GJ
GK
GM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at TL = 125 °C
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C


Similar Part No. - GF1J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1J GE-GF1J Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GF1J VISHAY-GF1J Datasheet
42Kb / 2P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Fairchild Semiconductor
GF1J FAIRCHILD-GF1J Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
First Components Intern...
GF1J FCI-GF1J Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GF1J TAITRON-GF1J Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
More results

Similar Description - GF1J

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
GOOD-ARK Electronics
SGC0401A GOOD-ARK-SGC0401A Datasheet
207Kb / 4P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com