Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GF1J
Description  Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1J Datasheet(HTML) 2 Page - Vishay Siliconix

  GF1J Datasheet HTML 1Page - Vishay Siliconix GF1J Datasheet HTML 2Page - Vishay Siliconix GF1J Datasheet HTML 3Page - Vishay Siliconix GF1J Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88617
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GF1A thru GF1M
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient and from junction to lead, PCB mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GF1A
GF1B
GF1D
GF1G
GF1J
GF1K
GF1M
UNIT
Maximum instantaneous
forward voltage
1.0 A
VF
1.1
1.2
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.0
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GF1A
GF1B
GF1D
GF1G
GF1J
GF1K
GF1M
UNIT
Typical thermal resistance (1)
RJA
80
°C/W
RJL
26
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GF1J-E3/67A
0.104
67A
1500
7" diameter plastic tape and reel
GF1J-E3/5CA
0.104
5CA
6500
13" diameter plastic tape and reel
GF1JHE3/67A (1)
0.104
67A
1500
7" diameter plastic tape and reel
GF1JHE3/5CA (1)
0.104
5CA
6500
13" diameter plastic tape and reel
0
100
130
110
120
140
150
160
180
0.50
1.00
60 Hz Resistive or Inductive Load
Lead Temperature (°C)
1.25
0.75
0.25
170
P.C.B. Mounted on
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
0
15
20
25
10
5
30
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com